Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7873ARQ Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD7873ARQ
Szczegółowy opis  Touch Screen Digitizer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7873ARQ Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD7873ARQ Datasheet HTML 7Page - Analog Devices AD7873ARQ Datasheet HTML 8Page - Analog Devices AD7873ARQ Datasheet HTML 9Page - Analog Devices AD7873ARQ Datasheet HTML 10Page - Analog Devices AD7873ARQ Datasheet HTML 11Page - Analog Devices AD7873ARQ Datasheet HTML 12Page - Analog Devices AD7873ARQ Datasheet HTML 13Page - Analog Devices AD7873ARQ Datasheet HTML 14Page - Analog Devices AD7873ARQ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD7873
Rev. D | Page 11 of 28
2.484
2.486
2.488
2.490
2.492
2.494
2.496
2.498
2.500
2.502
2.504
2.9
3.1
2.5
2.7
3.3
3.5
3.7
+VCC (V)
Figure 17. Internal VREF vs. +VCC
–40
–30 –20 –10
0
10
20
30
40
50
60
70
80
450
500
550
600
650
700
750
800
850
TEMPERATURE (°C)
95.95mV
TEMP1
TEMP0
142.15mV
Figure 18. Temp Diode Voltage vs. Temperature (2.7 V Supply)
720
721
722
723
724
725
726
727
728
729
730
VSUPPLY (V)
2.7
3.3
3.0
3.6
Figure 19. Temp 1 Diode Voltage vs. VSUPPLY (25°C)
TURN-ON TIME (
µS)
0
1
2
3
4
5
0
200
400
600
800
1000
1200
1400
1600
1800
NO CAP (7
µS)
SETTLING TIME
1
µF CAP (1800µS)
SETTLING TIME
Figure 20. Internal VREF vs. Turn-on Time
600
601
602
603
604
605
606
607
608
609
610
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
VSUPPLY (V)
Figure 21. Temp0 Diode Voltage vs. VSUPPLY (25°C)
120
100
80
60
40
20
0
30.0
22.5
7.5
15.0
0
37.5
45.0
52.5
60.0
FREQUENCY (kHz)
fSAMPLE = 125kHz
fIN = 15kHz
SNR = 68.34dB
Figure 22. Auxiliary Channel Dynamic Performance
( fSAMPLE =125 kHz, fINPUT = 15 kHz)


Podobny numer części - AD7873ARQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7873ARQZ AD-AD7873ARQZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873ARQZ AD-AD7873ARQZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873ARQZ AD-AD7873ARQZ Datasheet
480Kb / 29P
   Touch Screen Digitizer
AD7873ARQZ-REEL AD-AD7873ARQZ-REEL Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873ARQZ-REEL AD-AD7873ARQZ-REEL Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
More results

Podobny opis - AD7873ARQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7873 AD-AD7873_15 Datasheet
657Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873ACP-REEL7 AD-AD7873ACP-REEL7 Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7843 AD-AD7843 Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
AD7873ARQZ AD-AD7873ARQZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7843 AD-AD7843_17 Datasheet
304Kb / 21P
   Touch Screen Digitizer
AD7843 AD-AD7843_15 Datasheet
480Kb / 21P
   Touch Screen Digitizer
REV. B
AD7843ARUZ AD-AD7843ARUZ Datasheet
440Kb / 21P
   Touch Screen Digitizer
REV. B
AD7873 AD-AD7873_17 Datasheet
480Kb / 29P
   Touch Screen Digitizer
logo
Semtech Corporation
UR7HCTS2-U860 SEMTECH-UR7HCTS2-U860 Datasheet
107Kb / 12P
   High-Performance USB Touch Screen Controller / Digitizer
UR7HCTS2-S840 SEMTECH-UR7HCTS2-S840 Datasheet
157Kb / 16P
   High-Performance, Low Power Touch Screen Controller/Digitizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com