Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG812 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADG812
Szczegółowy opis  0.5 CMOS 1.65 V to 3.6 V Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG812 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADG812 Datasheet HTML 7Page - Analog Devices ADG812 Datasheet HTML 8Page - Analog Devices ADG812 Datasheet HTML 9Page - Analog Devices ADG812 Datasheet HTML 10Page - Analog Devices ADG812 Datasheet HTML 11Page - Analog Devices ADG812 Datasheet HTML 12Page - Analog Devices ADG812 Datasheet HTML 13Page - Analog Devices ADG812 Datasheet HTML 14Page - Analog Devices ADG812 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADG811/ADG812/ADG813
Rev. A | Page 11 of 16
TEST CIRCUITS
VS
RON = V1/IDS
IDS
V1
SD
VS
VD
IS (OFF)
ID (OFF)
A
A
SD
VD
ID (ON)
NC
SD
A
Figure 18. On Resistance
Figure 19. Off Leakage
Figure 20. On Leakage
SD
IN
GND
RL
50
CL
35pF
VDD
VIN
VOUT
VIN
VOUT
VS
VDD
tON
tOFF
50%
50%
90%
90%
50%
50%
0.1
µF
ADG811
ADG812
Figure 21. Switching Times
IN1, IN2
S1
D1
0.1
µF
GND
RL2
50
RL1
50
S2
D2
VDD
VOUT2
VOUT1
VS1
VS2
VIN
VDD
CL1
35pF
CL2
35pF
VOUT
VIN
tBBM
tBBM
50%
50%
80%
0V
80%
Figure 22. Break-Before-Make Time Delay, tBBM (ADG813)
IN
GND
CL
1nF
VDD
SD
RS
VS
VIN
VOUT
VOUT
VDD
SW ON
QINJ = CL ×∆VOUT
SW OFF
∆V
OUT
Figure 23. Charge Injection


Podobny numer części - ADG812

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG812YRU AD-ADG812YRU Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG812YRU-REEL AD-ADG812YRU-REEL Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG812YRU-REEL7 AD-ADG812YRU-REEL7 Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
   <0.5 廓 CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
More results

Podobny opis - ADG812

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
   <0.5 廓 CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG841 AD-ADG841 Datasheet
552Kb / 16P
   0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70
REV. 0
ADG804 AD-ADG804_11 Datasheet
253Kb / 16P
   0.5 廓 CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. A
ADG804 AD-ADG804 Datasheet
157Kb / 16P
   0.5 ohm CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. 0
ADG901 AD-ADG901_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG902 AD-ADG902_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG836L AD-ADG836L Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
   CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836L AD-ADG836L_15 Datasheet
419Kb / 16P
   CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com