Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADR530ART-REEL7 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADR530ART-REEL7
Szczegółowy opis  High Precision Shunt Mode Voltage References
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADR530ART-REEL7 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADR530ART-REEL7 Datasheet HTML 4Page - Analog Devices ADR530ART-REEL7 Datasheet HTML 5Page - Analog Devices ADR530ART-REEL7 Datasheet HTML 6Page - Analog Devices ADR530ART-REEL7 Datasheet HTML 7Page - Analog Devices ADR530ART-REEL7 Datasheet HTML 8Page - Analog Devices ADR530ART-REEL7 Datasheet HTML 9Page - Analog Devices ADR530ART-REEL7 Datasheet HTML 10Page - Analog Devices ADR530ART-REEL7 Datasheet HTML 11Page - Analog Devices ADR530ART-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADR520/ADR525/ADR530/ADR540/ADR550
Rev. A | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
MINIMAL OPERATING CURRENT (
µA)
025
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
50
75
100
ADR550
ADR540
ADR530
ADR525
ADR520
TA = 25°C
Figure 2. Reverse Characteristics and Minimum Operating Current
IIN (mA)
06
3
8
1
2
3
4
5
6
7
0
912
15
TA = +85°C
TA = +25°C
TA = –40°C
Figure 3. ADR520 Reverse Voltage vs. Operating Current
IIN (mA)
03
8
TA = –40°C
TA = +85°C
TA = +25°C
0
2
4
6
–2
915
612
Figure 4. ADR525 Reverse Voltage vs. Operating Current
IIN (mA)
06
8
TA = +85°C
TA = +25°C
1
2
3
4
5
6
7
0
12
15
39
TA = –40°C
Figure 5. ADR550 Reverse Voltage vs. Operating Current
VIN = 2V/DIV
VOUT = 1V/DIV
4
µs/DIV
IIN = 10mA
TIME (
µs)
Figure 6. ADR525 Turn-On Response
VIN = 2V/DIV
VOUT = 1V/DIV
4
µs/DIV
IIN = 100µA
TIME (
µs)
Figure 7. ADR525 Turn-On Response


Podobny numer części - ADR530ART-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADR530ART-REEL7 AD-ADR530ART-REEL7 Datasheet
420Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
More results

Podobny opis - ADR530ART-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADR530 AD-ADR530_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR525 AD-ADR525_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR520BRTZ-REEL7 AD-ADR520BRTZ-REEL7 Datasheet
420Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR530BRTZ-REEL7 AD-ADR530BRTZ-REEL7 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR520 AD-ADR520_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR540 AD-ADR540_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR550 AD-ADR550_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR530ART AD-ADR530ART Datasheet
273Kb / 12P
   High Precision Shunt Mode Voltage References
Rev. F
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5045 AD-ADR5045_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com