Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74439369033 Arkusz danych(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Numer części 74439369033
Szczegółowy opis  WE-XHMI SMD Power Inductor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Strona internetowa  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74439369033 Arkusz danych(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74439369033 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74439369033 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74439369033 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74439369033 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74439369033 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74439369033 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 74439369033 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Dimensions: [mm]
Scale - 2:1
11,6 ±0,3
8,3 ±0,5
Start of Winding
Marking
3R3 (Inductance Code)
Product Marking:
Recommended Land Pattern: [mm]
Scale - 2:1
9,0
no vias and traces in restricted area
Solder Resist
Schematic:
Properties
Test conditions
Value
Unit
Tol.
Inductance
100 kHz/ 10mA
L
3.3
µH
±20
Rated Current
ΔT = 40 K
IR
15
A
max.
Saturation Current
|ΔL/L| < 30 %
ISAT
29
A
typ.
DC Resistance
@ 20°C
RDC
3.4
mΩ
±10
Self Resonant
Frequency
fres
19
MHz
typ.
Electrical Properties:
It is recommeded that the temperature of the component does not exceed +125°C under worst
case conditions
Ambient Temperature
(refering to IR
-40 °C up to +85 °C
Operating Temperature
-40 °C up to +125 °C
Storage Temperature (in
original packaging)
-20°C up to +40°C; < 75% RH
Test conditions of Electrical Properties: 20°C, 33% RH if not specified differently
General Properties:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
DDe
DIN ISO 2768-1m
DESCRIPTION
WE-XHMI SMD Power Inductor
ORDER CODE
74439369033
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
1090
001.000
Valid
2016-04-01
eiSos
1/7
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Podobny numer części - 74439369033

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
74439369015 WURTH-74439369015 Datasheet
748Kb / 7P
   WE-XHMI SMT Power Inductor
001.000
74439369022 WURTH-74439369022 Datasheet
408Kb / 7P
   WE-XHMI SMD Power Inductor
74439369047 WURTH-74439369047 Datasheet
482Kb / 7P
   WE-XHMI SMD Power Inductor
74439369056 WURTH-74439369056 Datasheet
481Kb / 7P
   WE-XHMI SMD Power Inductor
74439369068 WURTH-74439369068 Datasheet
482Kb / 7P
   WE-XHMI SMD Power Inductor
More results

Podobny opis - 74439369033

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
74439358068 WURTH-74439358068 Datasheet
484Kb / 7P
   WE-XHMI SMD Power Inductor
74439369022 WURTH-74439369022 Datasheet
408Kb / 7P
   WE-XHMI SMD Power Inductor
74439370100 WURTH-74439370100 Datasheet
499Kb / 7P
   WE-XHMI SMD Power Inductor
74439358010 WURTH-74439358010 Datasheet
485Kb / 7P
   WE-XHMI SMD Power Inductor
74439346068 WURTH-74439346068 Datasheet
483Kb / 7P
   WE-XHMI SMD Power Inductor
74439370220 WURTH-74439370220 Datasheet
499Kb / 7P
   WE-XHMI SMD Power Inductor
744393440018 WURTH-744393440018 Datasheet
484Kb / 7P
   WE-XHMI SMD Power Inductor
74439346047 WURTH-74439346047 Datasheet
482Kb / 7P
   WE-XHMI SMD Power Inductor
74439370047 WURTH-74439370047 Datasheet
536Kb / 7P
   WE-XHMI SMD Power Inductor
74439370150 WURTH-74439370150 Datasheet
499Kb / 7P
   WE-XHMI SMD Power Inductor
744393440056 WURTH-744393440056 Datasheet
484Kb / 7P
   WE-XHMI SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com