Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KMS60A-5 Arkusz danych(PDF) 1 Page - TDK Electronics

Numer części KMS60A-5
Szczegółowy opis  15-60W Medical AC-DC PCB-Mount Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TDK [TDK Electronics]
Strona internetowa  http://www.tdk.com
Logo TDK - TDK Electronics

KMS60A-5 Arkusz danych(HTML) 1 Page - TDK Electronics

  KMS60A-5 Datasheet HTML 1Page - TDK Electronics KMS60A-5 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
79
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Disclaimer: us.tdk-lambda.com/lp/legal.htm
KMS-A Series
Features
Medical Safety Certifications (4kVAC Input - Output)
Class II (No ground needed)
Wide Temperature Range (-40 to +80oC)
Low off-load Power Draw
Smaller size than KMS
High Efficiency
Photo (KMS60A shown)
15-60W Medical AC-DC PCB-Mount Power Supplies
Model
KMS15A
KMS30A
KMS60A
Input Voltage Range (1)
-
90-264VAC 47-440Hz* or 120-370VDC*
Inrush Current Limiting (115 / 230VAC) (2)
A
20 / 40A
30 / 60A
55 / 95A
Input Current (115 / 230VAC)
mA
385 / 250mA
650 / 400mA
1500 / 1000mA
Off-load Power Draw
W
<0.1W
<0.15W
<0.3W
Recommended External Fuse
-
3.15 A slow blow type
Temperature Coefficient
-
±0.05%/°C
Voltage Set Accuracy
%
±2%
Minimum Load
-
None
Overcurrent Protection
-
Hiccup mode, automatic recovery
Overvoltage Protection
%
Yes, Zener diode clamp
Hold-up Time (115 / 230VAC)
ms
15 / 56ms (typ)
>10ms
Leakage Current (Touch)
mA
<0.1mA at 264VAC
Series or parallel operation
-
Yes, see application note for details
Operating Temperature (3)
-
-40°C to +85°C, derate linearly to 30% load from 50°C to 80°C
Maximum Case Temperature
°C
90°C (83°C <115VAC)
85°C (78°C <115VAC)
80°C (73°C <115VAC)
Storage Temperature
-
-40°C to +90°C
Humidity
%RH
10% to 95% RH (non-condensing)
Cooling
-
Convection
Withstand Voltage
VAC
Input to output: 4kVAC, 2 x MOPPs
Immunity
-
EN61000-4-2, -3, -4, -5, -6, -8, -11
Altitude
m
5000m
Safety Agency Certification
-
UL/CSA/IEC/EN 60950-1, ANSI/AAMI ES60601-1, IEC/EN 60601-1 (2xMOPPs)
Conducted and Radiated EMI
-
EN55011 Class B
Weight
g
59g
130g
280g
in
2.07 x 1.08 x 0.93”
2.52 x 1.77 x 0.93”
3.5 x 2.5 x 1.06”
Size (LxWxH)
(mm)
52.5 x 27.5 x 23.5 mm
64.0 x 45.0 x 23.5 mm
89.0 x 63.5 x 27.0 mm
Mounting & Case
-
PC board mountable. Resin case (UL 94V-0)
MTBF
hrs
200,000 to 400,000 hours, model dependant
Warranty
yrs
3 years
Specifications
(1) Derate linearly to 80% load below 110VAC (100VAC for KMS15A)
(2) Cold start, 25oC ambient
(3) Derate linearly to 80% load below -30oC
Key Market Segments & Applications
* Safety certified for AC input, 47-63Hz only


Podobny numer części - KMS60A-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ITT Industries
KMS ITT-KMS Datasheet
74Kb / 3P
   Microminiature Side Actuated Tact Switch for SMT
logo
C&K Components
KMS CK-COMPONENTS-KMS Datasheet
191Kb / 2P
   Microminiature SMT Side Actuated
logo
M-System Co.,Ltd.
KMS MSYSTEM-KMS Datasheet
98Kb / 3P
   Plug-in Signal Conditioners K-UNIT
KMS-0-G MSYSTEM-KMS-0-G Datasheet
99Kb / 3P
   Plug-in Signal Conditioners K-UNIT
KMS-0-G/CE MSYSTEM-KMS-0-G/CE Datasheet
99Kb / 3P
   Plug-in Signal Conditioners K-UNIT
More results

Podobny opis - KMS60A-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
KM TDK-KM Datasheet
523Kb / 2P
   15-40W Medical AC-DC PCB-Mount Power Supplies
KMS15 TDK-KMS15 Datasheet
688Kb / 2P
   15-40W Medical AC-DC PCB-Mount Power Supplies
logo
Wall Industries,Inc.
WMIHPU15 WALL-WMIHPU15 Datasheet
531Kb / 4P
   Up to 15 Watts, Medical AC - DC Wall Mount Power Supplies
PSAOCH WALL-PSAOCH Datasheet
122Kb / 4P
   AC/DC PCB Mount Power Supplies
PSAZC WALL-PSAZC Datasheet
312Kb / 3P
   AC/DC PCB Mount Power Supplies
PSAOC WALL-PSAOC Datasheet
123Kb / 4P
   AC/DC PCB Mount Power Supplies
PSIM65 WALL-PSIM65 Datasheet
105Kb / 3P
   Medical AC/DC Power Supplies
PSMAF150 WALL-PSMAF150 Datasheet
1Mb / 9P
   Medical AC/DC Power Supplies
logo
COSEL CO., LTD.
YS5 COSEL-YS5 Datasheet
305Kb / 6P
   AC-DC Power Supplies PCB Mount type
VAF1024 COSEL-VAF1024 Datasheet
510Kb / 4P
   AC-DC Power Supplies PCB Mount type
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com