Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10E404 Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC10E404
Szczegółowy opis  5V ECL Quad Differential AND/NAND
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E404 Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC10E404 Datasheet HTML 1Page - ON Semiconductor MC10E404 Datasheet HTML 2Page - ON Semiconductor MC10E404 Datasheet HTML 3Page - ON Semiconductor MC10E404 Datasheet HTML 4Page - ON Semiconductor MC10E404 Datasheet HTML 5Page - ON Semiconductor MC10E404 Datasheet HTML 6Page - ON Semiconductor MC10E404 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MC10E404, MC100E404
www.onsemi.com
5
Table 8. AC CHARACTERISTICS (VCCx = 5.0 V; VEE = 0.0 V or VCCx = 0.0 V; VEE = −5.0 V (Note 1))
Symbol
Characteristic
0°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fMAX
Maximum Toggle Frequency
900
900
900
MHz
TPLH
tPHL
Propagation Delay to Output
Da (Diff)
Da (SE)
Db (Diff)
Db (SE)
350
300
375
325
475
500
500
650
700
675
725
350
300
375
325
475
500
500
650
700
675
725
350
300
375
325
475
500
500
650
700
675
725
ps
tSKEW
Within-Device Skew (Note 2)
50
50
50
ps
tJITTER
Random Clock Jitter (RMS)
< 1
< 1
< 1
ps
VPP(AC) Input Voltage Swing
(Differential Configuration)
150
150
150
mV
tTr
tf
Rise/Fall Time
(20 - 80%)
150
400
150
400
150
400
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. 10 Series: VEE can vary −0.46 V / +0.06 V.
100 Series: VEE can vary −0.46 V / +0.8 V.
2. Within-device skew is defined as identical transitions on similar paths through a device.
Figure 3. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V
Resource Reference of Application Notes
AN1405/D
− ECL Clock Distribution Techniques
AN1406/D
− Designing with PECL (ECL at +5.0 V)
AN1503/D
− ECLinPSt I/O SPiCE Modeling Kit
AN1504/D
− Metastability and the ECLinPS Family
AN1568/D
− Interfacing Between LVDS and ECL
AN1672/D
− The ECL Translator Guide
AND8001/D − Odd Number Counters Design
AND8002/D − Marking and Date Codes
AND8020/D − Termination of ECL Logic Devices
AND8066/D − Interfacing with ECLinPS
AND8090/D − AC Characteristics of ECL Devices


Podobny numer części - MC10E404

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10E404 ONSEMI-MC10E404 Datasheet
108Kb / 4P
   QUAD DIFFERENTIAL AND/NAND
1996 REV 2
MC10E404FN ONSEMI-MC10E404FN Datasheet
108Kb / 4P
   QUAD DIFFERENTIAL AND/NAND
1996 REV 2
MC10E404FN ONSEMI-MC10E404FN Datasheet
128Kb / 8P
   5 V ECL Quad Differential AND/NAND
November, 2006 ??Rev. 8
MC10E404FNG ONSEMI-MC10E404FNG Datasheet
128Kb / 8P
   5 V ECL Quad Differential AND/NAND
November, 2006 ??Rev. 8
MC10E404FNR2 ONSEMI-MC10E404FNR2 Datasheet
108Kb / 4P
   QUAD DIFFERENTIAL AND/NAND
1996 REV 2
More results

Podobny opis - MC10E404

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP105 ONSEMI-MC10EP105_06 Datasheet
160Kb / 11P
   3.3V / 5V ECL Quad 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 11
MC100EP105 ONSEMI-MC100EP105 Datasheet
81Kb / 8P
   3.3V / 5V ECL Quad 2-Input Differential AND/NAND
September, 2002 ??Rev. 8
MC10EL05 ONSEMI-MC10EL05_06 Datasheet
153Kb / 9P
   5V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 5
MC10E404 ONSEMI-MC10E404_06 Datasheet
128Kb / 8P
   5 V ECL Quad Differential AND/NAND
November, 2006 ??Rev. 8
MC100EP05 ONSEMI-MC100EP05 Datasheet
85Kb / 10P
   3.3V / 5V ECL 2-Input Differential AND/NAND
June, 2004 ??Rev. 6
MC10EP05 ONSEMI-MC10EP05_06 Datasheet
108Kb / 11P
   3.3V / 5V ECL 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 8
MC100EL17 ONSEMI-MC100EL17_06 Datasheet
114Kb / 6P
   5V ECL Quad Differential Receiver
October, 2006 ??Rev. 6
MC10EL04 ONSEMI-MC10EL04_16 Datasheet
158Kb / 7P
   5V ECL 2?륤nput AND/NAND
July, 2016 ??Rev. 7
MC10EL04 ONSEMI-MC10EL04_06 Datasheet
126Kb / 8P
   5V ECL 2-Input AND/NAND
November, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY10E404 MICREL-SY10E404 Datasheet
60Kb / 4P
   QUAD DIFFERENTIAL AND/NAND
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com