Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10E452 Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części MC10E452
Szczegółowy opis  5V ECL 5?륛it Differential Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E452 Arkusz danych(HTML) 7 Page - ON Semiconductor

  MC10E452_16 Datasheet HTML 1Page - ON Semiconductor MC10E452_16 Datasheet HTML 2Page - ON Semiconductor MC10E452_16 Datasheet HTML 3Page - ON Semiconductor MC10E452_16 Datasheet HTML 4Page - ON Semiconductor MC10E452_16 Datasheet HTML 5Page - ON Semiconductor MC10E452_16 Datasheet HTML 6Page - ON Semiconductor MC10E452_16 Datasheet HTML 7Page - ON Semiconductor MC10E452_16 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC10E452, MC100E452
www.onsemi.com
7
PACKAGE DIMENSIONS
28 LEAD PLLC
CASE 776−02
ISSUE F
−N−
−M−
−L−
V
W
D
D
Y BRK
28
1
VIEW S
S
L-M
S
0.010 (0.250)
N S
T
S
L-M
M
0.007 (0.180)
N S
T
0.004 (0.100)
G1
G
J
C
Z
R
E
A
SEATING
PLANE
S
L-M
M
0.007 (0.180)
N S
T
−T−
B
S
L-M
S
0.010 (0.250)
N S
T
S
L-M
M
0.007 (0.180)
N S
T
U
S
L-M
M
0.007 (0.180)
N S
T
Z
G1
X
VIEW D−D
S
L-M
M
0.007 (0.180)
N S
T
K1
VIEW S
H
K
F
S
L-M
M
0.007 (0.180)
N S
T
NOTES:
1. DATUMS -L-, -M-, AND -N- DETERMINED
WHERE TOP OF LEAD SHOULDER EXITS
PLASTIC BODY AT MOLD PARTING LINE.
2. DIMENSION G1, TRUE POSITION TO BE
MEASURED AT DATUM -T-, SEATING PLANE.
3. DIMENSIONS R AND U DO NOT INCLUDE
MOLD FLASH. ALLOWABLE MOLD FLASH IS
0.010 (0.250) PER SIDE.
4. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
5. CONTROLLING DIMENSION: INCH.
6. THE PACKAGE TOP MAY BE SMALLER THAN
THE PACKAGE BOTTOM BY UP TO 0.012
(0.300). DIMENSIONS R AND U ARE
DETERMINED AT THE OUTERMOST
EXTREMES OF THE PLASTIC BODY
EXCLUSIVE OF MOLD FLASH, TIE BAR
BURRS, GATE BURRS AND INTERLEAD
FLASH, BUT INCLUDING ANY MISMATCH
BETWEEN THE TOP AND BOTTOM OF THE
PLASTIC BODY.
7. DIMENSION H DOES NOT INCLUDE DAMBAR
PROTRUSION OR INTRUSION. THE DAMBAR
PROTRUSION(S) SHALL NOT CAUSE THE H
DIMENSION TO BE GREATER THAN 0.037
(0.940). THE DAMBAR INTRUSION(S) SHALL
NOT CAUSE THE H DIMENSION TO BE
SMALLER THAN 0.025 (0.635).
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.485
0.495
12.32
12.57
B
0.485
0.495
12.32
12.57
C
0.165
0.180
4.20
4.57
E
0.090
0.110
2.29
2.79
F
0.013
0.021
0.33
0.53
G
0.050 BSC
1.27 BSC
H
0.026
0.032
0.66
0.81
J
0.020
---
0.51
---
K
0.025
---
0.64
---
R
0.450
0.456
11.43
11.58
U
0.450
0.456
11.43
11.58
V
0.042
0.048
1.07
1.21
W
0.042
0.048
1.07
1.21
X
0.042
0.056
1.07
1.42
Y
---
0.020
---
0.50
Z
2
10
2
10
G1
0.410
0.430
10.42
10.92
K1
0.040
---
1.02
---
__
__


Podobny numer części - MC10E452_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10E452FN ONSEMI-MC10E452FN Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10E452FNG ONSEMI-MC10E452FNG Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10E452FNR2 ONSEMI-MC10E452FNR2 Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10E452FNR2G ONSEMI-MC10E452FNR2G Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10E452 ONSEMI-MC10E452_06 Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com