Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10E452 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC10E452
Szczegółowy opis  5V ECL 5?륛it Differential Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E452 Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC10E452_16 Datasheet HTML 1Page - ON Semiconductor MC10E452_16 Datasheet HTML 2Page - ON Semiconductor MC10E452_16 Datasheet HTML 3Page - ON Semiconductor MC10E452_16 Datasheet HTML 4Page - ON Semiconductor MC10E452_16 Datasheet HTML 5Page - ON Semiconductor MC10E452_16 Datasheet HTML 6Page - ON Semiconductor MC10E452_16 Datasheet HTML 7Page - ON Semiconductor MC10E452_16 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 12
1
Publication Order Number:
MC10E452/D
MC10E452, MC100E452
5V ECL 5‐Bit Differential
Register
Description
The MC10E/100E452 is a 5-bit differential register with differential
data (inputs and outputs) and clock. The registers are triggered by a
positive transition of the positive clock (CLK) input. A high on the
Master Reset (MR) asynchronously resets all registers so that the Q
outputs go LOW.
The differential input structures are clamped so that the inputs of
unused registers can be left open without upsetting the bias network of
the device. The clamping action will assert the D and the CLK sides of
the inputs. Because of the edge triggered flip-flop nature of the device
simultaneously opening both the clock and data inputs will result in an
output which reaches an unidentified but valid state. Note that the
input clamps only operate when both inputs fall to 2.5 V below VCC.
The fully differential design of the device makes it ideal for very
high frequency applications where a registered data path is necessary.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single-ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01 mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
The 100 Series contains temperature compensation.
Features
Differential D, CLK and Q; VBB Reference Available
1100 MHz Min. Toggle Frequency
Asynchronous Master Reset
PECL Mode Operating Range:
VCC = 4.2 V to 5.7 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0 V with VEE = −4.2 V to −5.7 V
Internal Input 50 kW Pulldown Resistors, Output Q3 will Default to
Low State When Inputs Are Left Open
ESD Protection:
Human Body Model; > 2 kV
Machine Model; > 200 V
Charged Device Model; > 2 kV
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity Level: 3 (Pb-Free)
For Additional Information, see Application Note AND8003/D
Flammability Rating:
UL 94 V−0 @ 0.125 in,Oxygen Index: 28 to 34
Transistor Count = 315 devices
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
MARKING DIAGRAM*
xxx
= 10 or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb-Free Package
PLCC−28
FN SUFFIX
CASE 776−02
www.onsemi.com
MCxxxE452FNG
AWLYYWW
128
ORDERING INFORMATION
Device
Package
Shipping
MC10E452FNR2G
PLCC−28
(Pb-Free)
500/Tape & Reel
MC100E452FNG
PLCC−28
(Pb-Free)
37 Units/Tube
*For additional marking information, refer to
Application Note AND8002/D.
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Podobny numer części - MC10E452_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10E452FN ONSEMI-MC10E452FN Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10E452FNG ONSEMI-MC10E452FNG Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10E452FNR2 ONSEMI-MC10E452FNR2 Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10E452FNR2G ONSEMI-MC10E452FNR2G Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10E452 ONSEMI-MC10E452_06 Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com