Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10EP89 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC10EP89
Szczegółowy opis  ECL Coaxial Cable Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP89 Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC10EP89_09 Datasheet HTML 1Page - ON Semiconductor MC10EP89_09 Datasheet HTML 2Page - ON Semiconductor MC10EP89_09 Datasheet HTML 3Page - ON Semiconductor MC10EP89_09 Datasheet HTML 4Page - ON Semiconductor MC10EP89_09 Datasheet HTML 5Page - ON Semiconductor MC10EP89_09 Datasheet HTML 6Page - ON Semiconductor MC10EP89_09 Datasheet HTML 7Page - ON Semiconductor MC10EP89_09 Datasheet HTML 8Page - ON Semiconductor MC10EP89_09 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2008
February, 2008 - Rev. 7
1
Publication Order Number:
MC10EP89/D
MC10EP89
3.3V / 5V ECL Coaxial
Cable Driver
Description
The MC10EP89 is a differential fanout gate specifically designed to
drive coaxial cables. The device is especially useful in digital video
broadcasting applications; for this application, since the system is
polarity free, each output can be used as an independent driver. The
driver produces swings 70% larger than a standard ECL output. When
driving a coaxial cable, proper termination is required at both ends of
the line to minimize signal loss. The 1.6 V (5 V) and 1.4 V (3.3 V)
swing allow for termination at both ends of the cable, while
maintaining a 800 mV (5 V) and 700 mV (3.3 V) swing at the
receiving end of the cable. Because of the larger output swings, the
device cannot be terminated into the standard VCC-2.0 V. All of the
DC parameters are tested with a 50
W to VCC-3.0 V load. The driver
accepts a standard differential ECL input and can run off of the digital
video broadcast standard -5.0 V supply.
Features
310 ps Typical Propagation Delay
Maximum Frequency > 2 GHz Typical
1.6 V (5 V) and 1.4 V (3.3 V) VOUTpp Swing
PECL Mode Operating Range: VCC = 3.0 V to 5.5 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = -3.0 V to -5.5 V
Open Input Default State
Safety Clamp on Inputs
Q Output Will Default LOW with Inputs Open or at VEE
Pb-Free Packages are Available
*For additional marking information, refer to
Application Note AND8002/D.
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
D
= Date Code
G
= Pb-Free Package
(Note: Microdot may be in either location)
ALYW
G
G
HP89
MARKING
DIAGRAMS*
SOIC-8
D SUFFIX
CASE 751
TSSOP-8
DT SUFFIX
CASE 948R
1
8
1
8
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
1
8
HEP89
ALYW
G
G
1
8
DFN8
MN SUFFIX
CASE 506AA
14


Podobny numer części - MC10EP89_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP89 ONSEMI-MC10EP89_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL Coaxial Cable Driver
January, 2006 ??Rev. 6
More results

Podobny opis - MC10EP89_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Arizona Microtek, Inc
AZ10EL89 AZM-AZ10EL89_12 Datasheet
437Kb / 6P
   PECL/ECL Coaxial Cable Driver
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89_06 Datasheet
136Kb / 8P
   5V ECL Coaxial Cable Driver
December, 2006 ??Rev. 7
logo
List of Unclassifed Man...
AZ10EL89 ETC1-AZ10EL89 Datasheet
134Kb / 4P
   ECL/PECL Coaxial Cable Driver
logo
Arizona Microtek, Inc
AZ10EL89 AZM-AZ10EL89 Datasheet
115Kb / 4P
   ECL/PECL Coaxial Cable Driver
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89_16 Datasheet
146Kb / 6P
   5V ECL Coaxial Cable Driver
July, 2016 ??Rev. 10
MC10EP89 ONSEMI-MC10EP89_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL Coaxial Cable Driver
January, 2006 ??Rev. 6
MC10EL89 ONSEMI-MC10EL89 Datasheet
86Kb / 3P
   Coaxial Cable Driver
1996 REV 2
logo
Micrel Semiconductor
SY10EL89 MICREL-SY10EL89 Datasheet
54Kb / 4P
   COAXIAL CABLE DRIVER
SY10EL89 MICREL-SY10EL89_03 Datasheet
60Kb / 4P
   COAXIAL CABLE DRIVER
logo
ON Semiconductor
MC10EP89 ONSEMI-MC10EP89 Datasheet
97Kb / 8P
   Coaxial Cable Driver
December, 1999 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com