Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100EPT20DTR2G Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC100EPT20DTR2G
Szczegółowy opis  LVTTL/LVCMOS to Differential LVPECL Translator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT20DTR2G Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC100EPT20DTR2G Datasheet HTML 1Page - ON Semiconductor MC100EPT20DTR2G Datasheet HTML 2Page - ON Semiconductor MC100EPT20DTR2G Datasheet HTML 3Page - ON Semiconductor MC100EPT20DTR2G Datasheet HTML 4Page - ON Semiconductor MC100EPT20DTR2G Datasheet HTML 5Page - ON Semiconductor MC100EPT20DTR2G Datasheet HTML 6Page - ON Semiconductor MC100EPT20DTR2G Datasheet HTML 7Page - ON Semiconductor MC100EPT20DTR2G Datasheet HTML 8Page - ON Semiconductor MC100EPT20DTR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC10EPT20, MC100EPT20
www.onsemi.com
5
Table 6. 100EPT PECL OUTPUT DC CHARACTERISTICS (VCC = 3.3 V, GND = 0 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
ICC
Positive Power Supply Current
20
25
30
22
27
32
23
28
33
mA
VOH
Output HIGH Voltage (Note 2)
2155
2280
2405
2155
2280
2405
2155
2280
2405
mV
VOL
Output LOW Voltage (Note 2)
1355
1480
1605
1355
1480
1605
1355
1480
1605
mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Output parameters vary 1:1 with VCC.
2. All loading with 50 W to VCC − 2.0 V.
Table 7. AC CHARACTERISTICS (VCC = 3.0 V to 3.6 V, GND = 0 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Input Clock Frequency
> 1
> 1
> 1
GHz
tPLH,
tPHL
Propagation Delay to
Output Differential
280
350
430
300
370
450
320
400
490
ps
tSKEW
Device-to-Device Skew (Note 2)
150
150
170
ps
tJITTER
RMS Random Clock Jitter
1
2
1
2
1
2
ps
tr
tf
Output Rise/Fall Times
Q, Q
(20% − 80%)
70
100
170
80
120
180
90
140
190
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Measured using a LVTTL source, 50% duty cycle clock source. All loading with 50 W to VCC − 2.0 V.
2. Skew is measured between outputs under identical transitions.


Podobny numer części - MC100EPT20DTR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EPT20DTR2G ONSEMI-MC100EPT20DTR2G Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
More results

Podobny opis - MC100EPT20DTR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V Datasheet
44Kb / 5P
   LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC10EPT20 ONSEMI-MC10EPT20 Datasheet
64Kb / 4P
   LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 1.0
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
MC100LVELT20 ONSEMI-MC100LVELT20_06 Datasheet
106Kb / 7P
   3.3VLVTTL/LVCMOS to Differential LVPECL Translator
November, 2006 ??Rev. P3
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC10EPT20 ONSEMI-MC10EPT20_06 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
logo
List of Unclassifed Man...
T73LVP20 ETC1-T73LVP20 Datasheet
418Kb / 5P
   3.3V LVTTL/LVCMOS-to-Differential LVPECL Translator
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22 Datasheet
57Kb / 3P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
1996 REV 0
logo
Potato Semiconductor Co...
PO100HSTL179A POTATO-PO100HSTL179A Datasheet
692Kb / 8P
   Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com