Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100EPT20MNR4G Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC100EPT20MNR4G
Szczegółowy opis  LVTTL/LVCMOS to Differential LVPECL Translator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT20MNR4G Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC100EPT20MNR4G Datasheet HTML 1Page - ON Semiconductor MC100EPT20MNR4G Datasheet HTML 2Page - ON Semiconductor MC100EPT20MNR4G Datasheet HTML 3Page - ON Semiconductor MC100EPT20MNR4G Datasheet HTML 4Page - ON Semiconductor MC100EPT20MNR4G Datasheet HTML 5Page - ON Semiconductor MC100EPT20MNR4G Datasheet HTML 6Page - ON Semiconductor MC100EPT20MNR4G Datasheet HTML 7Page - ON Semiconductor MC100EPT20MNR4G Datasheet HTML 8Page - ON Semiconductor MC100EPT20MNR4G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2016
August, 2016 − Rev. 12
1
Publication Order Number:
MC10EPT20/D
MC10EPT20, MC100EPT20
3.3V LVTTL/LVCMOS to
Differential LVPECL
Translator
The MC10EPT20 is a 3.3 V TTL/CMOS to differential PECL
translator. Because PECL (Positive ECL) levels are used, only +3.3 V
and ground are required. The small outline SOIC−8 NB package and the
single gate of the EPT20 makes it ideal for those applications where
space, performance, and low power are at a premium.
The 100 Series contains temperature compensation.
Features
390 ps Typical Propagation Delay
Maximum Input Clock Frequency > 1 GHz Typical
Operating Range:
VCC = 3.0 V to 3.6 V with GND = 0 V
PNP TTL Input for Minimal Loading
Q Output will Default HIGH with Input Open
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb-Free Package
H
= MC10
K
= MC100
5W = MC10
3Q = MC100
M
= Date Code
MARKING DIAGRAMS*
ALYWG
G
HA20
ALYWG
G
KA20
1
8
1
8
HPT20
ALYW
G
1
8
KPT20
ALYW
G
1
8
www.onsemi.com
14
14
(Note: Microdot may be in either location)
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information on page 7 of
this data sheet.
ORDERING INFORMATION
SOIC−8NB
D SUFFIX
CASE
751−07
TSSOP−8
DT SUFFIX
CASE
948R−02
1
8
1
8
DFN−8
MN SUFFIX
CASE 506AA


Podobny numer części - MC100EPT20MNR4G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EPT20MNR4G ONSEMI-MC100EPT20MNR4G Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
More results

Podobny opis - MC100EPT20MNR4G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V Datasheet
44Kb / 5P
   LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC10EPT20 ONSEMI-MC10EPT20 Datasheet
64Kb / 4P
   LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 1.0
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
MC100LVELT20 ONSEMI-MC100LVELT20_06 Datasheet
106Kb / 7P
   3.3VLVTTL/LVCMOS to Differential LVPECL Translator
November, 2006 ??Rev. P3
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC10EPT20 ONSEMI-MC10EPT20_06 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
logo
List of Unclassifed Man...
T73LVP20 ETC1-T73LVP20 Datasheet
418Kb / 5P
   3.3V LVTTL/LVCMOS-to-Differential LVPECL Translator
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22 Datasheet
57Kb / 3P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
1996 REV 0
logo
Potato Semiconductor Co...
PO100HSTL179A POTATO-PO100HSTL179A Datasheet
692Kb / 8P
   Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com