Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10H115 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC10H115
Szczegółowy opis  Quad Line Receiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H115 Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC10H115 Datasheet HTML 1Page - ON Semiconductor MC10H115 Datasheet HTML 2Page - ON Semiconductor MC10H115 Datasheet HTML 3Page - ON Semiconductor MC10H115 Datasheet HTML 4Page - ON Semiconductor MC10H115 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2016 − Rev. 8
1
Publication Order Number:
MC10H115/D
MC10H115
Quad Line Receiver
Description
The MC10H115 is a quad differential amplifier designed for use in
sensing differential signals over long lines. This 10H part is a
functional/pinout duplication of the standard MECL 10K
™ family
part, with 100% improvement in counting frequency and no increase
in power supply current.
The base bias supply (VBB) is made available at Pin 9 to make the
device useful as a Schmitt trigger, or in other applications where a
stable reference voltage is necessary. Active current sources provide
the MC10H115 with excellent common mode rejection. If any
amplifier in a package is not used, one input of that amplifier must be
connected to VBB (Pin 9) to prevent upsetting the current source bias
network.
The MC10H115 is designed to be used in sensing differential
signals over long lines. The bias supply (VBB) is made available to
make the device useful as a Schmitt trigger, or in other applications
where a stable reference voltage is necessary.
Active current sources provide these receivers with excellent
common-mode noise rejection. If any amplifier in a package is not
used, one input of that amplifier must be connected to VBB to prevent
unbalancing the current source bias network.
The MC10H115 does not have internal input pulldown resistors.
This provides high impedance to the amplifier input and facilitates
differential connections.
Features
Propagation Delay, 1.0 ns Typical
Power Dissipation 110 mW Typ/Pkg (No Load)
Improved Noise Margin 150 mV
(Over Operating Voltage and Temperature Range)
Voltage Compensated
MECL 10K Compatible
Applications
Low Level Receiver
Voltage Level Interface
Schmitt Trigger
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
www.onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G
= Pb-Free Package
MARKING DIAGRAMS*
PDIP−16
P SUFFIX
CASE 648−08
16
1
16
1
MC10H115P
AWLYYWWG
PLLC−20
FN SUFFIX
CASE 775−02
20 1
10H115G
AWLYYWW
120
PDIP−16
PLLC−20
ORDERING INFORMATION
Device
Package
Shipping†
MC10H115FNR2G
500 Tape & Reel
MC10H115FNG
PLLC−20
(Pb-Free)
46 Units / Tube
MC10H115PG
PDIP−16
(Pb-Free)
25 Units / Tube
PLLC−20
(Pb-Free)
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Podobny numer części - MC10H115

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H115 ONSEMI-MC10H115 Datasheet
96Kb / 3P
   Quad Line Receiver
REV 5
MC10H115 ONSEMI-MC10H115 Datasheet
152Kb / 6P
   Quad Line Receiver
February, 2006 ??Rev. 7
MC10H115FN ONSEMI-MC10H115FN Datasheet
152Kb / 6P
   Quad Line Receiver
February, 2006 ??Rev. 7
MC10H115FNG ONSEMI-MC10H115FNG Datasheet
152Kb / 6P
   Quad Line Receiver
February, 2006 ??Rev. 7
MC10H115FNR2 ONSEMI-MC10H115FNR2 Datasheet
152Kb / 6P
   Quad Line Receiver
February, 2006 ??Rev. 7
More results

Podobny opis - MC10H115

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
DS75154 NSC-DS75154 Datasheet
120Kb / 8P
   Quad Line Receiver
logo
ON Semiconductor
MC10H115 ONSEMI-MC10H115 Datasheet
96Kb / 3P
   Quad Line Receiver
REV 5
logo
National Semiconductor ...
DS1489 NSC-DS1489 Datasheet
196Kb / 8P
   Quad Line Receiver
logo
ON Semiconductor
MC10115 ONSEMI-MC10115 Datasheet
99Kb / 4P
   Quad Line Receiver
1996 REV 5
logo
National Semiconductor ...
DS1489 NSC-DS1489_02 Datasheet
217Kb / 7P
   Quad Line Receiver
logo
Austin Semiconductor
AS10515F16MIL AUSTIN-AS10515F16MIL Datasheet
63Kb / 4P
   Quad Line Receiver
logo
ON Semiconductor
MC10H115 ONSEMI-MC10H115_06 Datasheet
152Kb / 6P
   Quad Line Receiver
February, 2006 ??Rev. 7
MC10115 ONSEMI-MC10115_02 Datasheet
86Kb / 4P
   Quad Line Receiver
January, 2002 ??Rev. 7
logo
Austin Semiconductor
AS10515F16MIL AUSTIN-AS10515F16MIL_06 Datasheet
43Kb / 4P
   Quad Line Receiver
logo
Linear Technology
LTC488CSW LINER-LTC488CSW Datasheet
117Kb / 12P
   Quad RS485 Line Receiver
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com