Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA1P120HC1R500 Arkusz danych(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Numer części BA1P120HC1R500
Szczegółowy opis  0.8mm Pitch Board-to-Board Factory Automation Connector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JAE [Japan Aviation Electronics Industry, Ltd.]
Strona internetowa  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

BA1P120HC1R500 Arkusz danych(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  BA1P120HC1R500 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. BA1P120HC1R500 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. BA1P120HC1R500 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. BA1P120HC1R500 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MB-0218-1
2/4
JAE PMK Div. Proprietary. Copyright © 2010, Japan Aviation Electronics Industry, Ltd.
H: SMT, With angle hook pin
Materials and Finishes
Component
Material and Finish
Contact
Copper alloy / Contact area: Au plating over Ni
Terminal area: Au flash plating over Ni
Insulator
Glass filled 9T-Ny / None
Shell
Copper alloy / Reflow Sn plating
Hook
Copper alloy / Sn plating over Ni
Series
Ordering Information
BA1 P 120 H C 1 R500
Pin Side
No. of Contacts
1: Modification Code
C: Contact area with
0.5μm min. Au plating
BA1 S 120 W C 1 R500
Reel Product (500 pcs.)
Pin Side
Socket Side
Pin Side
Socket Side
W: SMT, Straight
Series
Socket Side
No. of Contacts
1: Modification Code
C: Contact area with
0.5μm min. Au plating
Reel Product (500 pcs.)
Component
Material and Finish
Contact
Copper alloy / Contact area: Au plating over Ni
Terminal area: Au flash plating over Ni
Insulator
Glass filled 9T-Ny / None
Shell
Copper alloy / Reflow Sn plating


Podobny numer części - BA1P120HC1R500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Carling Technologies
BA1-B0-34-610-121 CARLINGTECH-BA1-B0-34-610-121 Datasheet
3Mb / 18P
   CIRUIT BREAKER
logo
List of Unclassifed Man...
BA101 ETC-BA101 Datasheet
45Kb / 2P
   BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
BA102 ETC-BA102 Datasheet
45Kb / 2P
   BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
BA103 ETC-BA103 Datasheet
45Kb / 2P
   BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
logo
Rohm
BA10324 ROHM-BA10324 Datasheet
61Kb / 5P
   Quad ground sense operational
More results

Podobny opis - BA1P120HC1R500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Japan Aviation Electron...
KX24 JAE-KX24 Datasheet
231Kb / 6P
   0.8mm Pitch Board to Board Connector
logo
DDK Ltd.
DFR-PAV030-1A1 DDK-DFR-PAV030-1A1 Datasheet
251Kb / 3P
   0.8mm Pitch Board to Board Floating Connector
logo
FCI connector
61083 FCI-CONNECTOR-61083 Datasheet
461Kb / 6P
   0.8mM BOARD TO BOARD PLUG ASSY
logo
Hirose Electric
FX18-60P-0.8SV HIROSE-FX18-60P-0.8SV Datasheet
2Mb / 12P
   10Gbps 0.8mm pitch Board to Board Connectors
logo
Harwin Plc
M58-280XX42R HARWIN-M58-280XX42R Datasheet
182Kb / 2P
   FEMALE 0.8MM PITCH BOARD TO BOARD VERTICAL SMT
28.10.21
logo
EXCEL CELL ELECTRONIC C...
EBB-PR22 ECE-EBB-PR22 Datasheet
230Kb / 5P
   0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR27 ECE-EBB-PR27 Datasheet
187Kb / 3P
   0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR24 ECE-EBB-PR24 Datasheet
336Kb / 4P
   0.8mm Contact Spacing, Board To Board SMT Connectors
logo
Tyco Electronics
1-316739-4 MACOM-1-316739-4 Datasheet
44Kb / 1P
   ON TAPING EMBOSS CAP ASSEMBLY H-TYPE 0.8MM PITCH BOARD TO BOARD CONNECTOR
logo
EXCEL CELL ELECTRONIC C...
EBW20 ECE-EBW20 Datasheet
136Kb / 2P
   0.8mm Contact Spacing, Board To Wire Connectors
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com