Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10H123PG Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC10H123PG
Szczegółowy opis  Triple 4?????륤nput Bus Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H123PG Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC10H123PG Datasheet HTML 1Page - ON Semiconductor MC10H123PG Datasheet HTML 2Page - ON Semiconductor MC10H123PG Datasheet HTML 3Page - ON Semiconductor MC10H123PG Datasheet HTML 4Page - ON Semiconductor MC10H123PG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC10H123
www.onsemi.com
3
Table 3. AC CHARACTERISTICS
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
tpd
Propagation Delay
0.7
1.5
0.7
1.6
0.7
1.7
ns
tr
Rise Time
0.7
1.6
0.7
1.7
0.7
1.8
ns
tf
Fall Time
0.7
1.6
0.7
1.7
0.7
1.8
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
Figure 3. 50 W Bus Driver (25 W Load)
1/3 MC10H123
1/3 MC10H123
1/3 MC10H123
ZO = 50 W
−2.0
VDC
RECEIVERS (MECL GATES)
−2.0
VDC
50
W
50
W


Podobny numer części - MC10H123PG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H123PG ONSEMI-MC10H123PG Datasheet
143Kb / 5P
   Triple 4?????묲nput Bus Driver
February, 2006 ??Rev. 7
More results

Podobny opis - MC10H123PG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H123 ONSEMI-MC10H123_06 Datasheet
143Kb / 5P
   Triple 4?????묲nput Bus Driver
February, 2006 ??Rev. 7
MC10123 ONSEMI-MC10123 Datasheet
102Kb / 4P
   Triple 4-3-3-Input Bus Driver
1996 REV 5
MC10123 ONSEMI-MC10123_02 Datasheet
88Kb / 4P
   Triple 4-3-3-Input Bus Driver
January, 2002 ??Rev. 7
MC10H123 ONSEMI-MC10H123 Datasheet
100Kb / 4P
   Triple 4-3-3-Input Bus Driver
REV 5
logo
NXP Semiconductors
10123 PHILIPS-10123 Datasheet
231Kb / 6P
   Triple 4-3-3-Input Bus Driver
June 14 1990
logo
ON Semiconductor
MC10H105 ONSEMI-MC10H105_16 Datasheet
135Kb / 5P
   Triple 2?????륤nput OR/NOR Gate
August, 2016 ??Rev. 8
MC10H107 ONSEMI-MC10H107_16 Datasheet
136Kb / 5P
   Triple 2?륤nput Exclusive OR/Exclusive NOR Gate
August, 2016 ??Rev. 8
logo
Motorola, Inc
MC10H423 MOTOROLA-MC10H423 Datasheet
86Kb / 2P
   TRIPLE-3 INPUT BUS DRIVER WITH ENABLE
logo
ON Semiconductor
MC10EL01 ONSEMI-MC10EL01_16 Datasheet
156Kb / 7P
   5V ECL 4?륤nput OR/NOR
July, 2016 ??Rev. 7
logo
National Semiconductor ...
LM2413 NSC-LM2413 Datasheet
697Kb / 11P
   Monolithic Triple 4 ns CRT Driver
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com