Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD134 Arkusz danych(PDF) 2 Page - Inchange Semiconductor Company Limited

Numer części BD134
Szczegółowy opis  isc Silicon PNP Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISC [Inchange Semiconductor Company Limited]
Strona internetowa  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD134 Arkusz danych(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD134 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD134 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon PNP Power Transistor
BD134
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= -50mA ; IB=0
-45
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -0.5A; IB= -0.05A
-0.5
V
VBE(on)
Base-Emitter On Voltage
IC= -0.5A; VCE= -2V
-1.3
V
ICBO
Collector Cutoff Current
VCB= -45V; IE= 0
-100
μ
A
IEBO
Emitter Cutoff Current
VEB= -5V; IC=0
-1.0
mA
hFE-1
DC Current Gain
IC= -150mA ; VCE= -2V
40
250
hFE-2
DC Current Gain
IC= -0.5A ; VCE= -2V
25
fT
Current-Gain—Bandwidth Product
IC=-250mA;VCE=-10V,ftest= 1.0MHz
3.0
MHz


Podobny numer części - BD134

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Comset Semiconductor
BD130 COMSET-BD130 Datasheet
156Kb / 3P
   NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
BD130 COMSET-BD130 Datasheet
75Kb / 3P
   SILICON TRANSISTOR HOMOBASE
logo
Solitron Devices Inc.
BD130 SOLITRON-BD130 Datasheet
353Kb / 2P
   PRO-ELECTRON POWER TRANSISTORS
logo
SeCoS Halbleitertechnol...
BD13003B SECOS-BD13003B Datasheet
370Kb / 2P
   NPN Plastic Encapsulated Transistor
BD13003B SECOS-BD13003B Datasheet
255Kb / 2P
   NPN Plastic-Encapsulated Transistor
More results

Podobny opis - BD134

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
STD888 ISC-STD888 Datasheet
227Kb / 2P
   isc Silicon PNP Power Transistor
2SB1157-3PFA ISC-2SB1157-3PFA Datasheet
152Kb / 2P
   isc Silicon PNP Power Transistor
KTB1366 ISC-KTB1366 Datasheet
150Kb / 2P
   isc Silicon PNP Power Transistor
KSH210 ISC-KSH210 Datasheet
336Kb / 3P
   isc Silicon PNP Power Transistor
BUX78 ISC-BUX78 Datasheet
213Kb / 2P
   isc Silicon PNP Power Transistor
BDS18 ISC-BDS18 Datasheet
193Kb / 2P
   isc Silicon PNP Power Transistor
2N3197 ISC-2N3197 Datasheet
260Kb / 2P
   isc Silicon PNP Power Transistor
2SA1649 ISC-2SA1649 Datasheet
283Kb / 2P
   isc Silicon PNP Power Transistor
2SB538 ISC-2SB538 Datasheet
249Kb / 2P
   isc Silicon PNP Power Transistor
2SB724 ISC-2SB724 Datasheet
257Kb / 2P
   isc Silicon PNP Power Transistor
BD844 ISC-BD844_17 Datasheet
276Kb / 2P
   isc Silicon PNP Power Transistor
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com