Zakładka z wyszukiwarką danych komponentów |
|
MC10EP56 Arkusz danych(PDF) 7 Page - ON Semiconductor |
|
MC10EP56 Arkusz danych(HTML) 7 Page - ON Semiconductor |
7 / 11 page MC10EP56, MC100EP56 http://onsemi.com 7 Table 11. AC CHARACTERISTICS VCC = 0 V; VEE = −3.0 V to −5.5 V or VCC = 3.0 V to 5.5 V; VEE = 0 V (Note 20) −40 °C 25 °C 85 °C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit fmax Maximum Frequency (See Figure 2 Fmax/JITTER) > 3 > 3 > 3 GHz tPLH, tPHL Propagation Delay to Output Differential D to Q, Q SEL to Q, Q COM_SEL to Q, Q 250 250 250 340 340 350 450 450 450 270 270 270 360 340 360 470 470 470 300 300 300 400 400 400 500 500 500 ps tSKEW Within−Device Skew (Note 21) Device to Device Skew 50 100 200 50 100 200 50 100 200 ps tJITTER Random Clock Jitter (See Figure 2 Fmax/JITTER) 0.2 < 1 0.2 < 1 0.2 < 1 ps VPP Input Voltage Swing (Differential Configuration) 150 800 1200 150 800 1200 150 800 1200 mV tr tf Output Rise/Fall Times Q, Q (20% − 80%) 70 120 170 80 130 180 100 150 230 ps NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 20. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 W to VCC − 2.0 V. 21. Skew is measured between outputs under identical transitions. Duty cycle skew is defined only for differential operation when the delays are measured from the cross point of the inputs to the cross point of the outputs. Figure 2. Fmax/Jitter @ 255C FREQUENCY (GHz) 1 2 3 4 5 6 7 8 (JITTER) 9 3.3 V 10 800 1000 600 400 200 1.0 1.5 2.0 2.5 3.0 0 5 V Figure 3. Typical Termination for Output Driver and Device Evaluation (See Application Note AND8020/D − Termination of ECL Logic Devices.) Driver Device Receiver Device QD Q D Zo = 50 W Zo = 50 W 50 W 50 W VTT VTT = VCC − 2.0 V |
Podobny numer części - MC10EP56_14 |
|
Podobny opis - MC10EP56_14 |