Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SC4331 Arkusz danych(PDF) 1 Page - Inchange Semiconductor Company Limited

Numer części 2SC4331
Szczegółowy opis  isc Silicon NPN Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISC [Inchange Semiconductor Company Limited]
Strona internetowa  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4331 Arkusz danych(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC4331 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4331 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistor
2SC4331
DESCRIPTION
·
Available for high-current control in small dimension
·
Low collector saturation voltage
·
Fast switching speed
·
High DC current gain and excellent linearity
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
This transistor is ideal for use in Switching regulators,
DC/DC converters,motor drivers,Solenoid drivers
and other low-voltage power supply devices,as well
as for high-current switching.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
150
V
VCEO
Collector-Emitter Voltage
100
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
5
A
ICM
Collector Current-Peak NOTE1
10
A
PC
Collector Power Dissipation
@ TC=25℃
15
W
Collector Power Dissipation
@Ta=25℃ NOTE2
1.0
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-55~150
NOTE1:PW≤300ms,Duty cycle ≤10%
NOTE2:Printing boarding mounted


Podobny numer części - 2SC4331

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
2SC4331 NEC-2SC4331 Datasheet
273Kb / 6P
   Silicon Power Transistor
logo
Renesas Technology Corp
2SC4331 RENESAS-2SC4331 Datasheet
276Kb / 7P
   SILICON POWER TRANSISTOR
logo
NEC
2SC4331-Z NEC-2SC4331-Z Datasheet
273Kb / 6P
   Silicon Power Transistor
logo
Renesas Technology Corp
2SC4331-Z RENESAS-2SC4331-Z Datasheet
276Kb / 7P
   SILICON POWER TRANSISTOR
logo
Inchange Semiconductor ...
2SC4331-Z ISC-2SC4331-Z Datasheet
286Kb / 2P
   isc Silicon NPN Power Transistor
More results

Podobny opis - 2SC4331

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
BUV20 ISC-BUV20 Datasheet
194Kb / 2P
   isc Silicon NPN Power Transistor
BUV48I ISC-BUV48I Datasheet
209Kb / 2P
   isc Silicon NPN Power Transistor
BUV51 ISC-BUV51 Datasheet
192Kb / 2P
   isc Silicon NPN Power Transistor
BUV52A ISC-BUV52A Datasheet
191Kb / 2P
   isc Silicon NPN Power Transistor
2N6496 ISC-2N6496 Datasheet
141Kb / 2P
   isc Silicon NPN Power Transistor
2N6545 ISC-2N6545 Datasheet
143Kb / 2P
   isc Silicon NPN Power Transistor
MJD148 ISC-MJD148 Datasheet
244Kb / 2P
   isc Silicon NPN Power Transistor
TIP35CF ISC-TIP35CF Datasheet
156Kb / 2P
   isc Silicon NPN Power Transistor
2SB1412 ISC-2SB1412 Datasheet
265Kb / 3P
   isc Silicon NPN Power Transistor
MJ1800 ISC-MJ1800 Datasheet
140Kb / 2P
   isc Silicon NPN Power Transistor
KSH47 ISC-KSH47 Datasheet
348Kb / 3P
    isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com