Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L6228 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części L6228
Szczegółowy opis  DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6228 Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button L6228 Datasheet HTML 3Page - STMicroelectronics L6228 Datasheet HTML 4Page - STMicroelectronics L6228 Datasheet HTML 5Page - STMicroelectronics L6228 Datasheet HTML 6Page - STMicroelectronics L6228 Datasheet HTML 7Page - STMicroelectronics L6228 Datasheet HTML 8Page - STMicroelectronics L6228 Datasheet HTML 9Page - STMicroelectronics L6228 Datasheet HTML 10Page - STMicroelectronics L6228 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7/26
L6228
(7)
Tested at 25°C in a restricted range and guaranteed by characterization.
(8)
See Fig. 1.
(9)
See Fig. 2.
(10)
See Fig. 3.
(11)
See Fig. 4.
(12)
Measured applying a voltage of 1V to pin SENSE and a voltage drop from 2V to 0V to pin VREF.
(13)
See Fig. 5.
Figure 1. Switching Characteristic Definition
IBIAS
Input Bias Current at pins VREFA
and VREFB
10
µA
Over Current Protection
ISOVER
Input Supply Overcurrent
Protection Threshold
Tj = -25°C to 125°C
(7)
2
2.8
3.55
A
ROPDR
Open Drain ON Resistance
I = 4mA
40
60
tOCD(ON) OCD Turn-on Delay Time (13)
I = 4mA; CEN < 100pF
200
ns
tOCD(OFF) OCD Turn-off Delay Time (13)
I = 4mA; CEN < 100pF
100
ns
ELECTRICAL CHARACTERISTICS (continued)
(Tamb = 25°C, Vs = 48V, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vth(ON)
Vth(OFF)
90%
10%
EN
IOUT
t
t
tFALL
tD(OFF)EN
tRISE
tD(ON)EN
D01IN1316


Podobny numer części - L6228

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L6228 STMICROELECTRONICS-L6228 Datasheet
457Kb / 26P
   DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
September 2003
L6228DTR STMICROELECTRONICS-L6228DTR Datasheet
457Kb / 26P
   DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
September 2003
L6228Q STMICROELECTRONICS-L6228Q Datasheet
384Kb / 32P
   DMOS driver for bipolar stepper motor
L6228Q STMICROELECTRONICS-L6228Q Datasheet
497Kb / 32P
   DMOS driver for bipolar stepper motor
L6228QTR STMICROELECTRONICS-L6228QTR Datasheet
497Kb / 32P
   DMOS driver for bipolar stepper motor
More results

Podobny opis - L6228

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L6228Q STMICROELECTRONICS-L6228Q Datasheet
384Kb / 32P
   DMOS driver for bipolar stepper motor
L6208QTR STMICROELECTRONICS-L6208QTR Datasheet
837Kb / 34P
   DMOS driver for bipolar stepper motor
L6228DTR STMICROELECTRONICS-L6228DTR Datasheet
457Kb / 26P
   DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
September 2003
L6208PD013TR STMICROELECTRONICS-L6208PD013TR Datasheet
706Kb / 35P
   DMOS driver for bipolar stepper motor
February 2014 Rev 2
L6208Q STMICROELECTRONICS-L6208Q Datasheet
837Kb / 34P
   DMOS driver for bipolar stepper motor
EVAL6208N STMICROELECTRONICS-EVAL6208N Datasheet
469Kb / 27P
   DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
L6228Q STMICROELECTRONICS-L6228Q_10 Datasheet
497Kb / 32P
   DMOS driver for bipolar stepper motor
AN2650 STMICROELECTRONICS-AN2650 Datasheet
691Kb / 26P
   L9942 stepper motor driver for bipolar stepper motors
logo
Allegro MicroSystems
A3982 ALLEGRO-A3982 Datasheet
299Kb / 10P
   DMOS Stepper Motor Driver with Translator
A3982 ALLEGRO-A3982_13 Datasheet
335Kb / 11P
   DMOS Stepper Motor Driver with Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com