Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3671MFX-1.25 Arkusz danych(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM3671MFX-1.25
Szczegółowy opis  2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3671MFX-1.25 Arkusz danych(HTML) 5 Page - National Semiconductor (TI)

  LM3671MFX-1.25 Datasheet HTML 1Page - National Semiconductor (TI) LM3671MFX-1.25 Datasheet HTML 2Page - National Semiconductor (TI) LM3671MFX-1.25 Datasheet HTML 3Page - National Semiconductor (TI) LM3671MFX-1.25 Datasheet HTML 4Page - National Semiconductor (TI) LM3671MFX-1.25 Datasheet HTML 5Page - National Semiconductor (TI) LM3671MFX-1.25 Datasheet HTML 6Page - National Semiconductor (TI) LM3671MFX-1.25 Datasheet HTML 7Page - National Semiconductor (TI) LM3671MFX-1.25 Datasheet HTML 8Page - National Semiconductor (TI) LM3671MFX-1.25 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Electrical Characteristics (Notes 2, 9, 10) Limits in standard typeface are for T
J = 25˚C. Limits in boldface
type apply over the full operating junction temperature range (−25˚C
≤ T
J
≤ +125˚C). Unless otherwise noted, specifications
apply to the LM3671 Typical Application Circuit (Figure. 1) with V
IN = EN = 3.6V, VOUT = 1.5V (Continued)
Note 8: Refer to datasheet curves for closed loop data and its variation with regards to supply voltage and temperature. Electrical Characteristic table reflects open
loop data (FB=0V and current drawn from SW pin ramped up until cycle by cycle current limit is activated). Closed loop current limit is the peak inductor current
measured in the application circuit by increasing output current until output voltage drops by 10%.
Note 9: Min and Max limits are guaranteed by design, test or statistical analysis. Typical numbers are not guaranteed, but do represent the most likely norm.
Note 10: The parameters in the electrical characteristic table are tested at VIN= 3.6V unless otherwise specified. For performance over the input voltage range refer
to datasheet curves.
Note 11: Input voltage range for all voltage options is 2.8V to 5.5V. The voltage range recommended (Fixed Voltage parts) for ideal applications performance with
500mA or higher output current is given below.
VIN = 2.8V to 4.5V for VOUT = 1.2V, 1.25V, 1.375V, 1.5V and 1.6V.
VIN = 3.0V to 4.5V for VOUT = 1.8V and 1.875V.
Dissipation Rating Table
θ
JA
T
A
≤ 25˚C
Power Rating
T
A= 60˚C
Power Rating
T
A= 85˚C
Power Rating
250˚C/W
400mW
260mW
160mW
www.national.com
5


Podobny numer części - LM3671MFX-1.25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3671MFX-1.25 NSC-LM3671MFX-1.25 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671MFX-1.25 NSC-LM3671MFX-1.25 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671MFX-1.25 TI1-LM3671MFX-1.25 Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671MFX-1.25/NOPB TI1-LM3671MFX-1.25/NOPB Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671MFX-1.25/NOPB TI1-LM3671MFX-1.25/NOPB Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
More results

Podobny opis - LM3671MFX-1.25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674_0609 NSC-LM3674_0609 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3671 TI1-LM3671 Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671MF-12 TI1-LM3671MF-12 Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3674 TI1-LM3674 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
logo
National Semiconductor ...
LM3676 NSC-LM3676 Datasheet
5Mb / 20P
   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
Texas Instruments
LM3676 TI1-LM3676_14 Datasheet
3Mb / 23P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com