Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CSD13385F5T Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części CSD13385F5T
Szczegółowy opis  12-V N-Channel FemtoFET MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CSD13385F5T Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button CSD13385F5T Datasheet HTML 6Page - Texas Instruments CSD13385F5T Datasheet HTML 7Page - Texas Instruments CSD13385F5T Datasheet HTML 8Page - Texas Instruments CSD13385F5T Datasheet HTML 9Page - Texas Instruments CSD13385F5T Datasheet HTML 10Page - Texas Instruments CSD13385F5T Datasheet HTML 11Page - Texas Instruments CSD13385F5T Datasheet HTML 12Page - Texas Instruments CSD13385F5T Datasheet HTML 13Page - Texas Instruments CSD13385F5T Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
28-Oct-2016
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CSD13385F5
ACTIVE
PICOSTAR
YJK
3
3000
Green (RoHS
& no Sb/Br)
Call TI
Level-1-260C-UNLIM
-55 to 150
4V
CSD13385F5T
ACTIVE
PICOSTAR
YJK
3
250
Green (RoHS
& no Sb/Br)
Call TI
Level-1-260C-UNLIM
-55 to 150
4V
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.


Podobny numer części - CSD13385F5T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD13380F3T TI1-CSD13380F3T Datasheet
1Mb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
[Old version datasheet]   12 V, N-Channel FemtoFET??MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
572Kb / 9P
[Old version datasheet]   CSD13381F4, 12 V N-Channel FemtoFET MOSFET
CSD13381F4T TI1-CSD13381F4T Datasheet
565Kb / 9P
[Old version datasheet]   12 V, N-Channel FemtoFET??MOSFET
More results

Podobny opis - CSD13385F5T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
[Old version datasheet]   12 V, N-Channel FemtoFET??MOSFET
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD13383F4 TI-CSD13383F4_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD13383F4 12 V N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
572Kb / 9P
[Old version datasheet]   CSD13381F4, 12 V N-Channel FemtoFET MOSFET
CSD23285F5 TI1-CSD23285F5 Datasheet
1Mb / 14P
[Old version datasheet]   12-V, P-Channel FemtoFET MOSFET
CSD23382F4 TI1-CSD23382F4 Datasheet
761Kb / 13P
[Old version datasheet]   12 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4_16 Datasheet
801Kb / 13P
[Old version datasheet]   12 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4 Datasheet
786Kb / 12P
[Old version datasheet]   CSD23381F4, 12 V P-Channel FemtoFET MOSFET
CSD23382F4 TI-CSD23382F4_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD23382F4 12 V P-Channel FemtoFET MOSFET
CSD17483F4 TI1-CSD17483F4_13 Datasheet
583Kb / 12P
[Old version datasheet]   30 V, N-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com