Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100EP91DWR2G Arkusz danych(PDF) 10 Page - ON Semiconductor

Numer części MC100EP91DWR2G
Szczegółowy opis  Any Level Positive Input to NECL Output Translator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP91DWR2G Arkusz danych(HTML) 10 Page - ON Semiconductor

Back Button MC100EP91DWR2G Datasheet HTML 2Page - ON Semiconductor MC100EP91DWR2G Datasheet HTML 3Page - ON Semiconductor MC100EP91DWR2G Datasheet HTML 4Page - ON Semiconductor MC100EP91DWR2G Datasheet HTML 5Page - ON Semiconductor MC100EP91DWR2G Datasheet HTML 6Page - ON Semiconductor MC100EP91DWR2G Datasheet HTML 7Page - ON Semiconductor MC100EP91DWR2G Datasheet HTML 8Page - ON Semiconductor MC100EP91DWR2G Datasheet HTML 9Page - ON Semiconductor MC100EP91DWR2G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MC100EP91
www.onsemi.com
10
PACKAGE DIMENSIONS
QFN−24, 4x4, 0.5P
MN SUFFIX
CASE 485L
ISSUE B
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.25 AND 0.30 MM
FROM THE TERMINAL TIP.
4. COPLANARITY APPLIES TO THE EXPOSED PAD
AS WELL AS THE TERMINALS.
SEATING
PLANE
D
B
0.15 C
A
A3
A
E
PIN 1
REFEENCE
2X
0.15 C
2X
0.08 C
0.10 C
C
DIM
MIN
MAX
MILLIMETERS
A
0.80
1.00
A1
0.00
0.05
A3
0.20 REF
b
0.20
0.30
D
4.00 BSC
D2
2.70
2.90
E
4.00 BSC
E2
2.70
2.90
e
0.50 BSC
L
0.30
0.50
24X
L
D2
b
1
7
13
19
e/2
E2
e
24
0.10
B
0.05
A
C
C
L1
DETAIL A
L
ALTERNATE
CONSTRUCTIONS
L
DETAIL B
MOLD CMPD
EXPOSED Cu
ALTERNATE TERMINAL
CONSTRUCTIONS
A1
A3
TOP VIEW
SIDE VIEW
DETAIL B
BOTTOM VIEW
DETAIL A
SOLDERING FOOTPRINT
DIMENSIONS: MILLIMETERS
2.90
4.30
4.30
0.50
0.55
0.32
24X
24X
PITCH
1
2.90
RECOMMENDED
NOTE 4
A1
24X
NOTE 3
L1
0.05
0.15
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of ON Semiconductor’s product/patent
coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. ON Semiconductor reserves the right to make changes without further notice to any products herein.
ON Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
Buyer is responsible for its products and applications using ON Semiconductor products, including compliance with all laws, regulations and safety requirements or standards,
regardless of any support or applications information provided by ON Semiconductor. “Typical” parameters which may be provided in ON Semiconductor data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer
application by customer’s technical experts. ON Semiconductor does not convey any license under its patent rights nor the rights of others. ON Semiconductor products are not
designed, intended, or authorized for use as a critical component in life support systems or any FDA Class 3 medical devices or medical devices with a same or similar classification
in a foreign jurisdiction or any devices intended for implantation in the human body. Should Buyer purchase or use ON Semiconductor products for any such unintended or unauthorized
application, Buyer shall indemnify and hold ON Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that ON Semiconductor was negligent regarding the design or manufacture of the part. ON Semiconductor is an Equal Opportunity/Affirmative Action Employer. This
literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
MC100EP91/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
19521 E. 32nd Pkwy, Aurora, Colorado 80011 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative
ECLinPS is a trademark of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or other countries.


Podobny numer części - MC100EP91DWR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EP91DWR2G ONSEMI-MC100EP91DWR2G Datasheet
168Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to -3.3 V/-5.5 V NECL Output Translator
August, 2006 ??Rev. 1
More results

Podobny opis - MC100EP91DWR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NB100LVEP91 ONSEMI-NB100LVEP91 Datasheet
76Kb / 8P
   2.5V / 3.3V Any Level Positive Input to -2.5V -3.3V / -5V NECL Output Translator
January, 2003 - Rev. 2
MC100EP91 ONSEMI-MC100EP91 Datasheet
168Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to -3.3 V/-5.5 V NECL Output Translator
August, 2006 ??Rev. 1
NB100LVEP91 ONSEMI-NB100LVEP91_06 Datasheet
145Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to ??.5 V/??.3 V LVNECL Output Translator
November, 2006 ??Rev. 13
NB100LVEP91 ONSEMI-NB100LVEP91_16 Datasheet
182Kb / 11P
   2.5 V/3.3 V Any Level Positive Input to -2.5 V/-3.3 V LVNECL Output Translator
August, 2016 ??Rev. 19
logo
Micrel Semiconductor
SY89327L MICREL-SY89327L_07 Datasheet
85Kb / 8P
   3.3V 2.5Gbps ANY INPUT-to-LVPECL DIFFERENTIAL TRANSLATOR
SY55857L MICREL-SY55857L_06 Datasheet
68Kb / 8P
   3.3V, 2.5Gbps ANY INPUT-to-LVPECL DUAL TRANSLATOR
SY89327L MICREL-SY89327L Datasheet
71Kb / 8P
   3.3V 2.5Gbps ANY INPUT-to-LVPECL DIFFERENTIAL TRANSLATOR
logo
Microsemi Corporation
ZL30250 MICROSEMI-ZL30250 Datasheet
272Kb / 4P
   3-Input, 3-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
August 2014
logo
Silicon Laboratories
SI53313 SILABS-SI53313 Datasheet
1Mb / 33P
   DUAL 1:5 LOW-JITTER, ANY-FORMAT BUFFER/LEVEL TRANSLATOR
logo
ON Semiconductor
MC10EP90 ONSEMI-MC10EP90_14 Datasheet
92Kb / 9P
   Triple ECL Input to LVPECL/PECL Output Translator
May, 2014 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com