Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100EP91MNR2G Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części MC100EP91MNR2G
Szczegółowy opis  Any Level Positive Input to NECL Output Translator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP91MNR2G Arkusz danych(HTML) 4 Page - ON Semiconductor

  MC100EP91MNR2G Datasheet HTML 1Page - ON Semiconductor MC100EP91MNR2G Datasheet HTML 2Page - ON Semiconductor MC100EP91MNR2G Datasheet HTML 3Page - ON Semiconductor MC100EP91MNR2G Datasheet HTML 4Page - ON Semiconductor MC100EP91MNR2G Datasheet HTML 5Page - ON Semiconductor MC100EP91MNR2G Datasheet HTML 6Page - ON Semiconductor MC100EP91MNR2G Datasheet HTML 7Page - ON Semiconductor MC100EP91MNR2G Datasheet HTML 8Page - ON Semiconductor MC100EP91MNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC100EP91
www.onsemi.com
4
Table 3. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
Positive Power Supply
GND = 0 V
3.8 to 0
V
VEE
Negative Power Supply
GND = 0 V
−6
V
VI
Positive Input Voltage
GND = 0 V
VI ≤ VCC
3.8 to 0
V
VOP
Operating Voltage
GND = 0 V
VCC − VEE
9.8
V
Iout
Output Current
Continuous
Surge
50
100
mA
IBB
PECL VBB Sink/Source
±0.5
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction-to-Ambient)
JESD 51−3 (1S-Single Layer Test Board)
0 lfpm
500 lfpm
SOIC−20 WB
SOIC−20 WB
90
60
°C/W
qJA
Thermal Resistance (Junction-to-Ambient)
JESD 51−6 (2S2P Multilayer Test Board) with Filled Thermal Vias
0 lfpm
500 lfpm
QFN−24
QFN−24
37
32
°C/W
qJC
Thermal Resistance (Junction-to-Case)
Standard Board
SOIC−20 WB
QFN−24
30 to 35
11
°C/W
Tsol
Wave Solder (Pb-Free)
225
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
Table 4. DC CHARACTERISTICS POSITIVE INPUTS (VCC = 2.5 V, VEE = −3.0 V to −5.5 V, GND = 0 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
ICC
Positive Power Supply Current
10
14
20
10
14
20
10
14
20
mA
VIH
Input HIGH Voltage (Single-Ended)
1335
VCC
1335
VCC
1335
VCC
mV
VIL
Input LOW Voltage (Single-Ended)
GND
875
GND
875
GND
875
mV
VIHCMR Input HIGH Voltage Common Mode Range
(Differential Configuration) (Note 2)
0
2.5
0
2.5
0
2.5
V
IIH
Input HIGH Current (@ VIH)
150
150
150
mA
IIL
Input LOW Current (@ VIL)
D
D
0.5
−150
0.5
−150
0.5
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input parameters vary 1:1 with VCC. VCC can vary +1.3 V / −0.125 V.
2. VIHCMR min varies 1:1 with GND. VIHCMR max varies 1:1 with VCC.


Podobny numer części - MC100EP91MNR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EP91MNR2G ONSEMI-MC100EP91MNR2G Datasheet
168Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to -3.3 V/-5.5 V NECL Output Translator
August, 2006 ??Rev. 1
More results

Podobny opis - MC100EP91MNR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NB100LVEP91 ONSEMI-NB100LVEP91 Datasheet
76Kb / 8P
   2.5V / 3.3V Any Level Positive Input to -2.5V -3.3V / -5V NECL Output Translator
January, 2003 - Rev. 2
MC100EP91 ONSEMI-MC100EP91 Datasheet
168Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to -3.3 V/-5.5 V NECL Output Translator
August, 2006 ??Rev. 1
NB100LVEP91 ONSEMI-NB100LVEP91_06 Datasheet
145Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to ??.5 V/??.3 V LVNECL Output Translator
November, 2006 ??Rev. 13
NB100LVEP91 ONSEMI-NB100LVEP91_16 Datasheet
182Kb / 11P
   2.5 V/3.3 V Any Level Positive Input to -2.5 V/-3.3 V LVNECL Output Translator
August, 2016 ??Rev. 19
logo
Micrel Semiconductor
SY89327L MICREL-SY89327L_07 Datasheet
85Kb / 8P
   3.3V 2.5Gbps ANY INPUT-to-LVPECL DIFFERENTIAL TRANSLATOR
SY55857L MICREL-SY55857L_06 Datasheet
68Kb / 8P
   3.3V, 2.5Gbps ANY INPUT-to-LVPECL DUAL TRANSLATOR
SY89327L MICREL-SY89327L Datasheet
71Kb / 8P
   3.3V 2.5Gbps ANY INPUT-to-LVPECL DIFFERENTIAL TRANSLATOR
logo
Microsemi Corporation
ZL30250 MICROSEMI-ZL30250 Datasheet
272Kb / 4P
   3-Input, 3-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
August 2014
logo
Silicon Laboratories
SI53313 SILABS-SI53313 Datasheet
1Mb / 33P
   DUAL 1:5 LOW-JITTER, ANY-FORMAT BUFFER/LEVEL TRANSLATOR
logo
ON Semiconductor
MC10EP90 ONSEMI-MC10EP90_14 Datasheet
92Kb / 9P
   Triple ECL Input to LVPECL/PECL Output Translator
May, 2014 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com