Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100EPT26DG Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części MC100EPT26DG
Szczegółowy opis  3.3V 1:2 Fanout Differential LVPECL/LVDS to LVTTL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT26DG Arkusz danych(HTML) 4 Page - ON Semiconductor

  MC100EPT26DG Datasheet HTML 1Page - ON Semiconductor MC100EPT26DG Datasheet HTML 2Page - ON Semiconductor MC100EPT26DG Datasheet HTML 3Page - ON Semiconductor MC100EPT26DG Datasheet HTML 4Page - ON Semiconductor MC100EPT26DG Datasheet HTML 5Page - ON Semiconductor MC100EPT26DG Datasheet HTML 6Page - ON Semiconductor MC100EPT26DG Datasheet HTML 7Page - ON Semiconductor MC100EPT26DG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC100EPT26
www.onsemi.com
4
Table 5. TTL OUTPUT DC CHARACTERISTICS (VCC = 3.3 V; GND = 0.0 V; TA = −40°C to 85°C)
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
IOH = −3.0 mA
2.4
V
VOL
Output LOW Voltage
IOL = 24 mA
0.5
V
ICCH
Power Supply Current
10
25
35
mA
ICCL
Power Supply Current
15
34
40
mA
IOS
Output Short Circuit Current
−50
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
Table 6. AC CHARACTERISTICS (VCC = 3.0 V to 3.6 V; GND = 0.0 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Frequency (Figure 2)
275
350
275
350
275
350
MHz
tPLH,
tPHL
Propagation Delay to
Output Differential (Note 2)
1.2
1.2
1.5
1.5
2.0
1.8
1.2
1.2
1.5
1.5
2.0
1.8
1.3
1.2
1.7
1.5
2.2
1.8
ns
tSK+ +
tSK− −
tSKPP
Within Device Skew + +
Within Device Skew − −
Device-to-Device Skew (Note 3)
15
20
100
60
85
500
15
20
100
60
85
500
20
30
100
85
85
500
ps
tJITTER
Random Clock Jitter (RMS) (Figure 2)
@ ≤ 200 MHz
@ > 200 MHz
6
20
30
275
6
40
30
275
6
170
30
275
ps
VPP
Input Voltage Swing (Differential Configuration)
150
800
1200
150
800
1200
150
800
1200
mV
tr
tf
Output Rise/Fall Times
(0.8 V−2.0 V)
Q, Q
330
600
950
330
600
950
330
650
950
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Measured with a 750 mV 50% duty-cycle clock source. RL = 500 W to GND and CL = 20 pF to GND. Refer to Figure 3.
2. Reference (VCC = 3.3 V ± 5%; GND = 0 V)
3. Skews are measured between outputs under identical transitions.
Figure 2. Typical VOH / Jitter versus Frequency (255C)
FREQUENCY (MHz)
0.0
1.0
2.0
3.0
VOH
VOL  0.5 V
JITTER
12
8
4
0
0
100
200
300


Podobny numer części - MC100EPT26DG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EPT26DG ONSEMI-MC100EPT26DG Datasheet
134Kb / 9P
   3.3V 1:2 Fanout Differential LVPECL/LVDS to LVTTL Translator
November, 2006 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com