Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100LVEL13DWG Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC100LVEL13DWG
Szczegółowy opis  ECL Dual 1:3 Fanout Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL13DWG Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC100LVEL13DWG Datasheet HTML 1Page - ON Semiconductor MC100LVEL13DWG Datasheet HTML 2Page - ON Semiconductor MC100LVEL13DWG Datasheet HTML 3Page - ON Semiconductor MC100LVEL13DWG Datasheet HTML 4Page - ON Semiconductor MC100LVEL13DWG Datasheet HTML 5Page - ON Semiconductor MC100LVEL13DWG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 7
1
Publication Order Number:
MC100LVEL13/D
MC100LVEL13
3.3 V ECL Dual 1:3 Fanout
Buffer
Description
The MC100LVEL13 is a dual, fully differential 1:3 fanout buffer.
The Low Output-Output Skew of the device makes it ideal for
distributing two different frequency synchronous signals.
The differential inputs have special circuitry which ensures device
stability under open input conditions. When both differential inputs
are left open the D input will pull down to VEE, The D input will bias
around VCC/2 and the Q output will go LOW.
Features
500 ps Typical Propagation Delays
50 ps Output-Output Skews
ESD Protection: > 2 kV Human Body Model
The 100 Series Contains Temperature Compensation
PECL Mode Operating Range: VCC = 3.0 V to 3.8 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −3.0 V to −3.8 V
Internal Input Pulldown Resistors
Q Output will Default LOW with Inputs Open or at VEE
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity: Level 3 (Pb-Free)
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Transistor Count = 143 Devices
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
SOIC−20 WB
DW SUFFIX
CASE 751D
www.onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
MARKING DIAGRAM*
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb-Free Package
20
1
100LVEL13
AWLYYWWG
Device
Package
Shipping†
ORDERING INFORMATION
MC100LVEL13DWG
SOIC−20 WB
(Pb-Free)
38 Units / Tube
MC100LVEL13DWR2G
1000
Tape & Reel
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SOIC−20 WB
(Pb-Free)


Podobny numer części - MC100LVEL13DWG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100LVEL13DWG ONSEMI-MC100LVEL13DWG Datasheet
117Kb / 6P
   3.3V ECL Dual 1:3 Fanout Buffer
November, 2006 ??Rev. 5
More results

Podobny opis - MC100LVEL13DWG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100LVEL13 ONSEMI-MC100LVEL13_06 Datasheet
117Kb / 6P
   3.3V ECL Dual 1:3 Fanout Buffer
November, 2006 ??Rev. 5
MC100EL13 ONSEMI-MC100EL13_06 Datasheet
116Kb / 6P
   5V ECL Dual 1:3 Fanout Buffer
October, 2006 ??Rev. 5
MC100EL13 ONSEMI-MC100EL13_16 Datasheet
146Kb / 5P
   5V ECL Dual 1:3 Fanout Buffer
July, 2016 ??Rev. 7
MC100LVEL13 ONSEMI-MC100LVEL13 Datasheet
91Kb / 3P
   Dual 1:3 Fanout Buffer
1996 REV 1
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
MC10LVEP11 ONSEMI-MC10LVEP11_16 Datasheet
249Kb / 13P
   ECL 1:2 Differential Fanout Buffer
August, 2016 ??Rev. 14
MC100LVEL11 ONSEMI-MC100LVEL11_15 Datasheet
99Kb / 8P
   ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
MC100LVE210 ONSEMI-MC100LVE210_06 Datasheet
84Kb / 8P
   3.3V ECL Dual 1:4, 1:5 Differential Fanout Buffer
December, 2006 ??Rev. 7
MC100E210 ONSEMI-MC100E210 Datasheet
64Kb / 8P
   5V ECL Dual 1:4, 1:5 Differential Fanout Buffer
October, 2003 ??Rev. 2
MC100LVEL11 ONSEMI-MC100LVEL11_06 Datasheet
141Kb / 8P
   3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com