Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U1230 Arkusz danych(PDF) 8 Page - Keysight Technologies

Numer części U1230
Szczegółowy opis  Digital Multimeters (DMMs)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEYSIGHT [Keysight Technologies]
Strona internetowa  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1230 Arkusz danych(HTML) 8 Page - Keysight Technologies

Back Button U1230 Datasheet HTML 4Page - Keysight Technologies U1230 Datasheet HTML 5Page - Keysight Technologies U1230 Datasheet HTML 6Page - Keysight Technologies U1230 Datasheet HTML 7Page - Keysight Technologies U1230 Datasheet HTML 8Page - Keysight Technologies U1230 Datasheet HTML 9Page - Keysight Technologies U1230 Datasheet HTML 10Page - Keysight Technologies U1230 Datasheet HTML 11Page - Keysight Technologies U1230 Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Electrical Specifications (continued)
Temperature specifications
Thermal type
Range
Resolution
Accuracy± (% of reading + counts of
least significant digit)
U1233A
K
–40 °C to 1372 °C
0.1 °C
1% + 1 °C
–40 °F to 2502 °F
0.1 °F
1% + 1.8 °F
1. The specification above is specified after 60 minutes of warm up time. If the unit is exposed during storage in high humidity (condensing)
environment, 120 minutes of operating time is required instead.
2. The accuracy does not include the tolerance of the thermocouple probe.
3. Do not allow the temperature sensor to contact a surface that is energized above 30 Vrms or 60 V DC. Such voltages poses a shock hazard.
4. The temperature calculation is specified according to the safety standards of EN/IEC-60548-1and NIST175.
5. The approximate ambient temperature (cold-junction compensation) is shown on the display when you have an open thermocouple.The
open thermocouple message may be due to broken (open) probe or because no probe is installed into the input jacks of the multimeter.
6. For temperature measurement on U1233A, the type-K thermocouple probe and adapter such as the U1186A (purchase separately) is
required.
7. For auxillary temperature measurement on U1231A & U1232A, a temperature module such as the U1586B (purchase separately) is required.
Frequency specifications
Range
Resolution
Accuracy± (% of reading + counts of
least significant digit)
Minimum input frequency
U1231A/U1232A/U1233A
99.99 Hz
0.01 Hz
0.1% + 2
5 Hz
999.9 Hz
0.1 Hz
0.1% + 2
9.999 kHz
1 Hz
0.1% + 2
99.99 kHz
10 Hz
0.1% + 2
1. Overload protection: 600 V; input signal is < 20,000,000 V × Hz (product of voltage and frequency).
08 | Keysight | U1230 Series Handheld Digital Multimeters (DMMs) - Data Sheet


Podobny numer części - U1230

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
U1230 HP-U1230 Datasheet
327Kb / 10P
   Handheld Digital Multimeter (DMM)
More results

Podobny opis - U1230

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
U3400 KEYSIGHT-U3400 Datasheet
2Mb / 21P
   Digital Multimeters
34465A KEYSIGHT-34465A Datasheet
3Mb / 23P
   Digital Multimeters
34470A KEYSIGHT-34470A Datasheet
3Mb / 23P
   Digital Multimeters
U1250 KEYSIGHT-U1250 Datasheet
2Mb / 15P
   Digital Multimeters
logo
List of Unclassifed Man...
34460A ETC-34460A Datasheet
2Mb / 28P
   Digital Multimeters
AM-500-EUR ETC-AM-500-EUR Datasheet
1Mb / 2P
   Digital Multimeters
logo
Keysight Technologies
34460A KEYSIGHT-34460A Datasheet
3Mb / 23P
   Digital Multimeters
logo
TEKTRONIX, INC.
DMM4020 TEKTRONIX-DMM4020 Datasheet
864Kb / 12P
   Digital Multimeters
logo
Keysight Technologies
34461A KEYSIGHT-34461A Datasheet
3Mb / 23P
   Digital Multimeters
logo
Extech Instruments Corp...
MN35 EXTECH-MN35_15 Datasheet
294Kb / 1P
   Digital Mini MultiMeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com