Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD2-D Arkusz danych(PDF) 3 Page - Cooper Bussmann, Inc.

Numer części SD2-D
Szczegółowy opis  NH bases
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COOPER [Cooper Bussmann, Inc.]
Strona internetowa  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SD2-D Arkusz danych(HTML) 3 Page - Cooper Bussmann, Inc.

  SD2-D Datasheet HTML 1Page - Cooper Bussmann, Inc. SD2-D Datasheet HTML 2Page - Cooper Bussmann, Inc. SD2-D Datasheet HTML 3Page - Cooper Bussmann, Inc. SD2-D Datasheet HTML 4Page - Cooper Bussmann, Inc. SD2-D Datasheet HTML 5Page - Cooper Bussmann, Inc. SD2-D Datasheet HTML 6Page - Cooper Bussmann, Inc. SD2-D Datasheet HTML 7Page - Cooper Bussmann, Inc. SD2-D Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Technical Data 10163
Effective March 2015
Bussmann series
NH bases
EATON www.eaton.com
Size
Poles
Current
(Amps)
DIN-Rail and screw
mounting
Screw mounting
only
Pack
quantity
Compatible fuse links size
00
1-pole
160
SD00-D
SD00-S
3
400/500/690 V NH gG and
aM fuse links
3-pole
160
TD00-D
N/A
1
160
TD00-DI*
N/A
1
1
1-pole
250
SD1-D
SD1-S
3
3-pole
250
TD1-D
N/A
1
2
1-pole
400
SD2-D
SD2-S
3
400
SD2-DD**
N/A
3
3-pole
400
TD2-D
N/A
1
400
TD2-DD**
N/A
1
3
1-pole
630
SD3-D**
SD3-S
3
3-pole
630
TD3-D**
N/A
1
4
1-pole
1250
N/A
SD4-S
1
1600
N/A
SD4-S1600
1
Catalogue numbers
* 3-pole integral base moulding.
** Double fuse contact clips.
Size
Current (Amps)
Catalogue
numbers
Pack quantity
NH00
160
SDL-00
3
NH1
250
SDL-1
3
NH2
400
SDL-2
3
NH3
630
SDL-3
3
Fuse extraction handle
Size
Current (Amps)
Catalogue
numbers
Pack quantity
NH00-3
160 - 630
FEH
1
Accessories
Shroud kits
Fuse base
range
Fuse
size
Current
(Amps)
Catalogue
numbers
Description
SD1
NH1
250
SD12-SK
Kit includes 2 shrouds
and 1 fuse cover
SD2
NH2
400
SD12-SK
SD3
NH3
630
SD3-SK
Shroud kit
Solid links catalogue numbers
Fuse extraction handle
Solid link


Podobny numer części - SD2-D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SD2 ETC2-SD2 Datasheet
945Kb / 2P
   Universal Bi-Level dimming control module for use with 0-10V dimmable LED Drivers
logo
Sirectifier Semiconduct...
SD20 SIRECTIFIER-SD20 Datasheet
217Kb / 2P
   Discrete Diodes
logo
SHIKUES Electronics
SD20 SKTECHNOLGY-SD20 Datasheet
740Kb / 3P
   Unidirectional TVS Diodes
logo
AiT Semiconductor Inc.
SD20 AITSEMI-SD20 Datasheet
372Kb / 5P
   350W UNIDIRECTIONAL TVS DIODES
REV1.0
logo
DAESAN ELECTRONIC CORP.
SD20 DAESAN-SD20 Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Podobny opis - SD2-D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cooper Bussmann, Inc.
C5268-1 COOPER-C5268-1 Datasheet
55Kb / 1P
   Fuse Bases (Blocks)
logo
Systemsensor advanced i...
B401BH SYSTEMSENSOR-B401BH Datasheet
106Kb / 4P
   Sounder Bases
logo
Molex Electronics Ltd.
1210120013 MOLEX-1210120013 Datasheet
116Kb / 1P
   B20 SERIES BASES
2006/04/15
1210120047 MOLEX-1210120047 Datasheet
158Kb / 2P
   B22 SERIES BASES
2006/04/15
1210120095 MOLEX-1210120095 Datasheet
128Kb / 1P
   B28 SERIES BASES
2006.04.15
1210120009 MOLEX-1210120009 Datasheet
89Kb / 1P
   B15 SERIES BASES
2006/04/15
1210120099 MOLEX-1210120099 Datasheet
128Kb / 1P
   B28 SERIES BASES
2006/04/15
1210130199 MOLEX-1210130199 Datasheet
128Kb / 1P
   B28 SERIES BASES
2006/04/15
1210130233 MOLEX-1210130233 Datasheet
128Kb / 1P
   B28 SERIES BASES
2006/04/15
1210120168 MOLEX-1210120168 Datasheet
116Kb / 1P
   B20 SERIES BASES
2006/04/15
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com