Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4500BDY Arkusz danych(PDF) 6 Page - Vishay Siliconix

Numer części SI4500BDY
Szczegółowy opis  Complementary MOSFET Half-Bridge (N- and P-Channel)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4500BDY Arkusz danych(HTML) 6 Page - Vishay Siliconix

  SI4500BDY Datasheet HTML 1Page - Vishay Siliconix SI4500BDY Datasheet HTML 2Page - Vishay Siliconix SI4500BDY Datasheet HTML 3Page - Vishay Siliconix SI4500BDY Datasheet HTML 4Page - Vishay Siliconix SI4500BDY Datasheet HTML 5Page - Vishay Siliconix SI4500BDY Datasheet HTML 6Page - Vishay Siliconix SI4500BDY Datasheet HTML 7Page - Vishay Siliconix SI4500BDY Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Si4500BDY
Vishay Siliconix
www.vishay.com
6
Document Number: 72281
S-41428—Rev. B, 26-Jul-04
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
P-CHANNEL
0
100
200
300
400
500
600
700
800
04
8
12
16
20
0.6
0.8
1.0
1.2
1.4
1.6
−50
−25
0
25
50
75
100
125
150
0
1
2
3
4
5
012
34
56
78
0.00
0.04
0.08
0.12
0.16
0.20
04
8
12
16
20
VDS − Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VDS = 10 V
ID = 5.3 A
ID − Drain Current (A)
VGS = 4.5 V
ID = 5.3 A
VGS = 2.5 V
Gate Charge
On-Resistance vs. Drain Current
Qg − Total Gate Charge (nC)
Capacitance
On-Resistance vs. Junction Temperature
TJ − Junction Temperature (_C)
0.0
0.3
0.6
0.9
1.2
1.5
0.00
0.04
0.08
0.12
0.16
0.20
0
1234
5
ID = 5.3 A
20
10
1
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD − Source-to-Drain Voltage (V)
VGS − Gate-to-Source Voltage (V)
VGS = 4.5 V
TJ = 150_C
TJ = 25_C
ID = 1 A


Podobny numer części - SI4500BDY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4500BDY VISHAY-SI4500BDY Datasheet
124Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. C, 12-Jun-06
SI4500BDY VISHAY-SI4500BDY Datasheet
278Kb / 12P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. D, 27-Apr-09
SI4500BDY-T1-E3 VISHAY-SI4500BDY-T1-E3 Datasheet
278Kb / 12P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. D, 27-Apr-09
logo
VBsemi Electronics Co.,...
SI4500BDY-T1-E3 VBSEMI-SI4500BDY-T1-E3 Datasheet
985Kb / 7P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4500BDY-T1-GE3 VISHAY-SI4500BDY-T1-GE3 Datasheet
278Kb / 12P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. D, 27-Apr-09
More results

Podobny opis - SI4500BDY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
KI4500BDY KEXIN-KI4500BDY Datasheet
57Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
KI4501DY KEXIN-KI4501DY Datasheet
58Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
logo
Vishay Siliconix
SI4501ADY VISHAY-SI4501ADY Datasheet
65Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
14-Jun-04
SI3850ADV VISHAY-SI3850ADV_08 Datasheet
128Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. A, 27-Mar-06
SI3850ADV VISHAY-SI3850ADV_09 Datasheet
214Kb / 13P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 12-Oct-09
SI4500BDY VISHAY-SI4500BDY_06 Datasheet
124Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. C, 12-Jun-06
SI4500DY VISHAY-SI4500DY Datasheet
106Kb / 7P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. A, 26-Apr-99
SI3850ADV VISHAY-SI3850ADV_V01 Datasheet
120Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
01-Jan-2022
SI4500BDY VISHAY-SI4500BDY_09 Datasheet
278Kb / 12P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. D, 27-Apr-09
SI4501DY VISHAY-SI4501DY Datasheet
58Kb / 7P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 19-Jul-99
logo
Guangdong Kexin Industr...
KI4501ADY KEXIN-KI4501ADY Datasheet
57Kb / 2P
   Complementary (N- and P-Channel) MOSFET Half-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com