Zakładka z wyszukiwarką danych komponentów |
|
SI3211 Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers |
|
SI3211 Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers |
6 / 122 page Si 3210/ Si3 2 11 /S i32 1 2 6 Preliminary Rev. 1.11 Longitudinal Performance Longitudinal to Metallic or PCM Balance 200 Hz to 3.4 kHz, β Q1,Q2 ≥ 150, 1% mismatch 56 60 — dB β Q1,Q2 = 60 to 240 5 43 60 — dB β Q1,Q2 = 300 to 800 5 53 60 — dB Metallic to Longitudinal Balance 200 Hz to 3.4 kHz 40 — — dB Longitudinal Impedance 200 Hz to 3.4 kHz at TIP or RING Register selectable ETBO/ETBA 00 01 10 — — — 33 17 17 — — — Ω Ω Ω Longitudinal Current per Pin Active off-hook 200 Hz to 3.4 kHz Register selectable ETBO/ETBA 00 01 10 — — — 4 8 8 — — — mA mA mA Notes: 1. The input signal level should be 0 dBm0 for frequencies greater than 100 Hz. For 100 Hz and below, the level should be –10 dBm0. The output signal magnitude at any other frequency will be smaller than the maximum value specified. 2. Analog signal measured as VTIP – VRING. Assumes ideal line impedance matching. 3. The quantization errors inherent in the µ/A-law companding process can generate slightly worse gain tracking performance in the signal range of 3 dB to –37 dB for signal frequencies that are integer divisors of the 8 kHz PCM sampling rate. 4. The level of any unwanted tones within the bandwidth of 0 to 4 kHz does not exceed –55 dBm. 5. Assumes normal distribution of betas. Table 3. AC Characteristics (Continued) (VDDA, VDDD = 3.13 to 5.25 V, TA = 0 to 70°C for K-Grade, –40 to 85°C for B-Grade) Parameter Test Condition Min Typ Max Unit |
Podobny numer części - SI3211 |
|
Podobny opis - SI3211 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |