Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI3211 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części SI3211
Szczegółowy opis  PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

SI3211 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  SI3211 Datasheet HTML 1Page - List of Unclassifed Manufacturers SI3211 Datasheet HTML 2Page - List of Unclassifed Manufacturers SI3211 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI3211 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI3211 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3211 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3211 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3211 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3211 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 122 page
background image
Preliminary Rev. 1.11 9/01
Copyright © 2001 by Silicon Laboratories
Si3210-DS111
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Si3210/Si3211/Si3212
P RO SL IC™ P RO G R AM M ABL E CMO S SL IC /COD E C
WIT H
RINGI NG /BAT T E R Y VOLTA GE GEN ER A T I O N
Features
Applications
Description
The ProSLIC™ is a low-voltage CMOS device that integrates SLIC, codec, and
battery generation functionality into a complete analog telephone interface. The
device is ideal for short loop applications such as terminal adaptors, cable telephony,
and wireless local loop. The ProSLIC is powered with a single 3.3 V or 5 V supply.
The Si3210 generates battery voltages dynamically using a software programmable
dc-dc converter from a 3.3 V to 35 V supply; negative high-voltage supplies are not
needed. All high voltage functions are performed locally with a few low cost discrete
components. The device is available in a 38-pin TSSOP and interfaces directly to
standard SPI and PCM bus digital interfaces.
Functional Block Diagram
Performs all BORSCHT Functions
Ideal for Short Loop Applications
(5 REN at 2 kft, 3 REN at 4 kft)
Low Voltage CMOS
Package: 38-Pin TSSOP
Compliant with Relevant LSSGR and
CCITT Specifications
Battery Voltage Generated Dynamically
with On-Chip DC-DC Converter
Controller (Si3210 only)
5 REN Ringing Generator
Programmable Frequency, Amplitude,
Waveshape, and Cadence
Programmable AC Impedance
A-Law/
µ-Law, Linear PCM Companding
On-Hook Transmission
Programmable Constant Current
Feed (20–41 mA)
Programmable Loop Closure and
Ring Trip Thresholds with Debouncing
Loop or Ground Start Operation and
Polarity Battery Reversal
Continuous Line Voltage and Current
Monitoring
DTMF Decoder
Dual Tone Generator
SPI and PCM Bus Digital Interfaces
with Programmable Interrupt for
Control and Data
3.3 V or 5 V Operation
Multiple Loopback Modes for Testing
Pulse Metering
FSK Caller ID Generation
Terminal Adaptors
Cable Telephony
PBX/Key Systems
Wireless Local Loop
Voice Over IP
Integrated Access Devices
Low C ost
Extern al
Discretes
Co ntrol
Interface
PCM
Interface
PLL
DT MF
Deco de
Gain/
Atte nuation/
Filter
T one
G ene rator
Gain/
Atte nua tion /
F ilter
Line
Fe ed
Co ntrol
Line
Status
DC-D C Co nverter Co ntrolle r
(Si3210 o nly)
Progra m
Hybrid
D/A
Z
S
A/D
TIP
RING
CS
SCL K
SDO
SDI
DT X
DRX
FSYNC
PCL K
RESET
INT
Si3210/11/12
Patents pending
Ordering Information
See page 118.
Pin Assignments
Si3210/11/12
27
28
29
30
31
34
33
32
CS
INT
PCLK
DTX
FSYNC
RESET
SDCH/DIO1
SCLK
SDI
SDITHRU
SDO
DCFF/DOUT
DCDRV/DCSW
GNDD
TEST
DRX
1
2
3
4
5
6
7
8
9
10
11
12
13
26
25
14
SDCL/DIO2
VDDA1
IREF
CAPP
ITIPN
VDDD
VDDA2
ITIPP
35
36
37
38
QGND
CAPM
IRINGP
IRINGN
STIPDC
SRINGDC
STIPE
SVBAT
SRINGE
IGMP
GNDA
IGMN
SRINGAC
STIPAC
15
16
17
18
19
24
23
22
21
20


Podobny numer części - SI3211

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon image
Si3211 SILICONIMAGE-Si3211 Datasheet
869Kb / 148P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3211 SILABS-SI3211 Datasheet
869Kb / 148P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3211 SILABS-SI3211 Datasheet
869Kb / 148P
   Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
SI3211-E-FM SILABS-SI3211-E-FM Datasheet
869Kb / 148P
   Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
SI3211-E-FT SILABS-SI3211-E-FT Datasheet
869Kb / 148P
   Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
More results

Podobny opis - SI3211

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI3210-FT SILABS-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230M-E-FMR SILABS-SI3230M-E-FMR Datasheet
1Mb / 108P
   PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3215 SILABS-SI3215 Datasheet
1Mb / 118P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230 SILABS-SI3230 Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
logo
Silicon Laboratories
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com