Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTBA6C12H8-0-T6-G Arkusz danych(PDF) 1 Page - Cystech Electonics Corp.

Numer części MTBA6C12H8-0-T6-G
Szczegółowy opis  N- AND P-Channel Enhancement Mode MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTBA6C12H8-0-T6-G Arkusz danych(HTML) 1 Page - Cystech Electonics Corp.

  MTBA6C12H8-0-T6-G Datasheet HTML 1Page - Cystech Electonics Corp. MTBA6C12H8-0-T6-G Datasheet HTML 2Page - Cystech Electonics Corp. MTBA6C12H8-0-T6-G Datasheet HTML 3Page - Cystech Electonics Corp. MTBA6C12H8-0-T6-G Datasheet HTML 4Page - Cystech Electonics Corp. MTBA6C12H8-0-T6-G Datasheet HTML 5Page - Cystech Electonics Corp. MTBA6C12H8-0-T6-G Datasheet HTML 6Page - Cystech Electonics Corp. MTBA6C12H8-0-T6-G Datasheet HTML 7Page - Cystech Electonics Corp. MTBA6C12H8-0-T6-G Datasheet HTML 8Page - Cystech Electonics Corp. MTBA6C12H8-0-T6-G Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CYStech Electronics Corp.
Spec. No. : C973H8
Issued Date : 2016.07.06
Revised Date : 2016.11.08
Page No. : 1/14
MTBA6C12H8
CYStek Product Specification
N- AND P-Channel Enhancement Mode MOSFET
MTBA6C12H8
Features
• Simple drive requirement
• Low on-resistance
• Fast switching speed
• Pb-free lead plating and halogen-free package
Equivalent Circuit
Outline
Ordering Information
Device
Package
Shipping
MTBA6C12H8-0-T6-G
DFN 5 ×6
(Pb-free lead plating & halogen-free package)
3000 pcs / Tape & Reel
DFN5×6
MTBA6C12H8
G:Gate S:Source D:Drain
N-CH
P-CH
BVDSS
120V
-120V
ID@VGS=10V(-10V), TA=25°C
2.2A
-1.9A
ID@VGS=10V(-10V), TC=25°C
6.3A
-5.4A
RDSON(typ)@VGS=10V(-10V)
186mΩ
255mΩ
RDSON(typ)@VGS=4.5V(-4.5V)
196mΩ
285mΩ
Environment friendly grade : S for RoHS compliant products, G for RoHS
compliant and green compound products
Packing spec, T3 : 2500 pcs / tape & reel, 13” reel
Product rank, zero for no rank products
Pin 1
Pin 1
Product name


Podobny numer części - MTBA6C12H8-0-T6-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTBA6C12H8-0-T6-G CYSTEKEC-MTBA6C12H8-0-T6-G Datasheet
1Mb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
More results

Podobny opis - MTBA6C12H8-0-T6-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTC4103N8J CYSTEKEC-MTC4103N8J Datasheet
593Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC4503N8J CYSTEKEC-MTC4503N8J Datasheet
594Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC7540BDH8 CYSTEKEC-MTC7540BDH8_16 Datasheet
759Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA6C12H8 CYSTEKEC-MTBA6C12H8 Datasheet
1Mb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTB20C06KQ8 CYSTEKEC-MTB20C06KQ8 Datasheet
877Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA5C10H8 CYSTEKEC-MTBA5C10H8 Datasheet
535Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
logo
FutureWafer Tech Co.,Lt...
FM2058NPK FUTUREWAFER-FM2058NPK Datasheet
1Mb / 9P
   N and P Channel Enhancement Mode MOSFET
13-DEC-2021 V 2.1
logo
Cystech Electonics Corp...
MTC4703H8 CYSTEKEC-MTC4703H8 Datasheet
722Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTC4603H8 CYSTEKEC-MTC4603H8 Datasheet
729Kb / 14P
   N- and P-Channel Enhancement Mode MOSFET
MTC4203BN8J CYSTEKEC-MTC4203BN8J Datasheet
408Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC6601N6 CYSTEKEC-MTC6601N6 Datasheet
514Kb / 12P
   N- AND P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com