Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AVCA164245GRG4 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części 74AVCA164245GRG4
Szczegółowy opis  16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

74AVCA164245GRG4 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button 74AVCA164245GRG4 Datasheet HTML 2Page - Texas Instruments 74AVCA164245GRG4 Datasheet HTML 3Page - Texas Instruments 74AVCA164245GRG4 Datasheet HTML 4Page - Texas Instruments 74AVCA164245GRG4 Datasheet HTML 5Page - Texas Instruments 74AVCA164245GRG4 Datasheet HTML 6Page - Texas Instruments 74AVCA164245GRG4 Datasheet HTML 7Page - Texas Instruments 74AVCA164245GRG4 Datasheet HTML 8Page - Texas Instruments 74AVCA164245GRG4 Datasheet HTML 9Page - Texas Instruments 74AVCA164245GRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.ti.com
Electrical Characteristics
(1) (2)
SN74AVCA164245
16-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES395B – JULY 2002 – REVISED OCTOBER 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN TYP(3)
MAX
UNIT
IOH = –100 µA,
VI = VIH
1.4 V to 3.6 V
1.4 V to 3.6 V
VCCO – 0.2
IOH = –2 mA,
VI = VIH
1.4 V
1.4 V
1.05
VOH
IOH = –4 mA,
VI = VIH
1.65 V
1.65 V
1.2
V
IOH = –8 mA,
VI = VIH
2.3 V
2.3 V
1.75
IOH = –12 mA,
VI = VIH
3 V
3 V
2.3
IOH = 100 µA,
VI = VIL
1.4 V to 3.6 V
1.4 V to 3.6 V
0.2
IOH = 2 mA,
VI = VIL
1.4 V
1.4 V
0.35
VOL
IOH = 4 mA,
VI = VIL
1.65 V
1.65 V
0.45
V
IOH = 8 mA,
VI = VIL
2.3 V
2.3 V
0.55
IOH = 12 mA,
VI = VIL
3 V
3 V
0.7
Control
II
VI = VCCA or GND
1.4 V to 3.6 V
3.6 V
±2.5
µA
inputs
A port
0 V
0 to 3.6 V
±10
Ioff
VI or VO = 0 to 3.6 V
µA
B port
0 to 3.6 V
0 V
±10
A or B port
OE = VIH
3.6 V
3.6 V
±12.5
VO = VCCO or GND,
IOZ(4)
B port
0 V
3.6 V
±12.5
µA
VI = VIH or VIL
OE = don't care
A port
3.6 V
0 V
±12.5
1.6 V
1.6 V
20
1.95 V
1.95 V
20
2.7 V
2.7 V
30
ICCA
VI = VCCI or GND,
IO = 0
µA
0 V
3.6 V
–40
3.6 V
0 V
40
3.6 V
3.6 V
40
1.6 V
1.6 V
20
1.95 V
1.95 V
20
2.7 V
2.7 V
30
ICCB
VI = VCCI or GND,
IO = 0
µA
0 V
3.6 V
40
3.6 V
0 V
–40
3.6 V
3.6 V
40
Control
Ci
VI = 3.3 V or GND
3.3 V
3.3 V
4
pF
inputs
Cio
A or B port
VO = 3.3 V or GND
3.3 V
3.3 V
5
pF
(1)
VCCO is the VCC associated with the output port.
(2)
VCCI is the VCC associated with the input port.
(3)
All typical values are at TA = 25°C.
(4)
For I/O ports, the parameter IOZ includes the input leakage current.
6


Podobny numer części - 74AVCA164245GRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74AVCA164245GRG4 TI-74AVCA164245GRG4 Datasheet
378Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCA164245GRG4 TI-74AVCA164245GRG4 Datasheet
495Kb / 17P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Podobny opis - 74AVCA164245GRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AVCBH164245 TI-SN74AVCBH164245 Datasheet
294Kb / 13P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_07 Datasheet
385Kb / 16P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245 TI-SN74AVC16T245_08 Datasheet
519Kb / 22P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_09 Datasheet
495Kb / 17P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245-Q1 TI1-SN74AVCB164245-Q1 Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245-Q1 TI1-SN74AVC16T245-Q1 Datasheet
222Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245_10 Datasheet
638Kb / 20P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_02 Datasheet
171Kb / 11P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_07 Datasheet
378Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245 Datasheet
375Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com