Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD2061AFJ Arkusz danych(PDF) 11 Page - Rohm

Numer części BD2061AFJ
Szczegółowy opis  1.5A Current Limit High Side Switch ICs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD2061AFJ Arkusz danych(HTML) 11 Page - Rohm

Back Button BD2061AFJ Datasheet HTML 7Page - Rohm BD2061AFJ Datasheet HTML 8Page - Rohm BD2061AFJ Datasheet HTML 9Page - Rohm BD2061AFJ Datasheet HTML 10Page - Rohm BD2061AFJ Datasheet HTML 11Page - Rohm BD2061AFJ Datasheet HTML 12Page - Rohm BD2061AFJ Datasheet HTML 13Page - Rohm BD2061AFJ Datasheet HTML 14Page - Rohm BD2061AFJ Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
BD2061AFJ
BD2065AFJ
Datasheet
Typical Performance Curves - continued
Figure 27. UVLO Hysteresis Voltage
vs Ambient Temperature
0.0
1.0
2.0
3.0
4.0
5.0
2
3
4
5
6
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
Supply Voltage ; VIN[V]
Figure 25. Output Turn OFF Time
vs Ambient Temperature
Figure 24. Output Turn OFF Time
vs Supply Voltage
0.0
0.2
0.4
0.6
0.8
1.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
Ambient Temperature ; Ta[°C]
2.0
2.1
2.2
2.3
2.4
2.5
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VUVLOH
VUVLOL
Ambient Temperature ; Ta[°C]
Figure 26. UVLO Threshold Voltage
vs Ambient Temperature
0.0
1.0
2.0
3.0
4.0
5.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=5.0V
Ambient Temperature ; Ta[°C]
11/22
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300150-1-2
21.Aug.2014 Rev.003


Podobny numer części - BD2061AFJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD2061AFJ ROHM-BD2061AFJ Datasheet
351Kb / 13P
   1ch Large Current Output USB High Side Switch ICs
BD2061AFJ ROHM-BD2061AFJ Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ Datasheet
488Kb / 25P
   High Side Switch ICs
BD2061AFJ-E2 ROHM-BD2061AFJ-E2 Datasheet
488Kb / 25P
   High Side Switch ICs
BD2061AFJ ROHM-BD2061AFJ_09 Datasheet
351Kb / 13P
   1ch Large Current Output USB High Side Switch ICs
More results

Podobny opis - BD2061AFJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD82020FVJ ROHM-BD82020FVJ Datasheet
622Kb / 24P
   1.5A Current Limit High Side Switch ICs
BD82031FVJ ROHM-BD82031FVJ Datasheet
666Kb / 24P
   1.5A Current Limit High Side Switch ICs
BD82000FVJ-LB ROHM-BD82000FVJ-LB Datasheet
532Kb / 26P
   1.5A Current Limit High Side Switch ICs
BD82030FVJ ROHM-BD82030FVJ Datasheet
664Kb / 24P
   1.5A Current Limit High Side Switch ICs
BD82000FVJ ROHM-BD82000FVJ_14 Datasheet
1Mb / 27P
   1.5A Current Limit High Side Switch ICs
BD82021FVJ ROHM-BD82021FVJ Datasheet
624Kb / 24P
   1.5A Current Limit High Side Switch ICs
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com