Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD2061AFJ Arkusz danych(PDF) 1 Page - Rohm

Numer części BD2061AFJ
Szczegółowy opis  1.5A Current Limit High Side Switch ICs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD2061AFJ Arkusz danych(HTML) 1 Page - Rohm

  BD2061AFJ Datasheet HTML 1Page - Rohm BD2061AFJ Datasheet HTML 2Page - Rohm BD2061AFJ Datasheet HTML 3Page - Rohm BD2061AFJ Datasheet HTML 4Page - Rohm BD2061AFJ Datasheet HTML 5Page - Rohm BD2061AFJ Datasheet HTML 6Page - Rohm BD2061AFJ Datasheet HTML 7Page - Rohm BD2061AFJ Datasheet HTML 8Page - Rohm BD2061AFJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1ch High Side Switch ICs
1.5A Current Limit High Side Switch ICs
BD2061AFJ
BD2065AFJ
General Description
BD2061AFJ and BD2065AFJ are single channel high
side switch ICs with over-current protection for
Universal Serial Bus (USB) power supply line. These
ICs have low ON-Resistance N-Channel power
MOSFETs with low supply current, built-in over-current
protection circuit, thermal shutdown circuit, under
voltage lockout and soft-start circuit.
Features
Built-In Low ON-Resistance Nch MOSFET
( Typ=80mΩ )
Control Input Logic
Active-Low:
BD2061AFJ
Active-High:
BD2065AFJ
Soft-Start Circuit
Over-Current Protection
Thermal Shutdown
Under Voltage Lockout Function
Open Drain Error Flag Output
Reverse-Current Protection when Switch Off
Flag Output Delay
Applications
USB Hub in Consumer Appliances, PC, PC Peripheral
Equipment, and so forth
Key Specifications
Input Voltage Range:
2.7V to 5.5V
ON-Resistance:
80mΩ(Typ)
Continuous Current Load:
1.0A
Over-Current Threshold:
1.1A (Min), 2.3A (Max)
Standby Current:
0.01μA (Typ)
Output Rise Time:
1.2ms(Typ)
Operating Temperature Range:
-40°C to +85°C
Package
W(Typ) D(Typ) H (Max)
Typical Application Circuit
Lineup
Over-Current Threshold
Control Input
Logic
Package
Orderable Part Number
Min
Typ
Max
1.1A
1.5A
2.3A
Low
SOP-J8
Reel of 2500
BD2061AFJ-E2
1.1A
1.5A
2.3A
High
SOP-J8
Reel of 2500
BD2065AFJ-E2
OUT
OUT
OUT
IN
IN
/OC
GND
VBUS
D-
D+
GND
5V(Typ)
CL
CIN
-
+
EN( /EN )
SOP-J8
4.90mm x 6.00mm x 1.65mm
Product structure:Silicon monolithic integrated circuit ○This product has not designed protection against radioactive rays
1/22
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
TSZ02201-0E3E0H300150-1-2
21.Aug.2014 Rev.003
Datasheet


Podobny numer części - BD2061AFJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD2061AFJ ROHM-BD2061AFJ Datasheet
351Kb / 13P
   1ch Large Current Output USB High Side Switch ICs
BD2061AFJ ROHM-BD2061AFJ Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ Datasheet
488Kb / 25P
   High Side Switch ICs
BD2061AFJ-E2 ROHM-BD2061AFJ-E2 Datasheet
488Kb / 25P
   High Side Switch ICs
BD2061AFJ ROHM-BD2061AFJ_09 Datasheet
351Kb / 13P
   1ch Large Current Output USB High Side Switch ICs
More results

Podobny opis - BD2061AFJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD82020FVJ ROHM-BD82020FVJ Datasheet
622Kb / 24P
   1.5A Current Limit High Side Switch ICs
BD82031FVJ ROHM-BD82031FVJ Datasheet
666Kb / 24P
   1.5A Current Limit High Side Switch ICs
BD82000FVJ-LB ROHM-BD82000FVJ-LB Datasheet
532Kb / 26P
   1.5A Current Limit High Side Switch ICs
BD82030FVJ ROHM-BD82030FVJ Datasheet
664Kb / 24P
   1.5A Current Limit High Side Switch ICs
BD82000FVJ ROHM-BD82000FVJ_14 Datasheet
1Mb / 27P
   1.5A Current Limit High Side Switch ICs
BD82021FVJ ROHM-BD82021FVJ Datasheet
624Kb / 24P
   1.5A Current Limit High Side Switch ICs
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com