Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADPD2214ACPZ-RL Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADPD2214ACPZ-RL
Szczegółowy opis  Low Noise, High Sensitivity Optical Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADPD2214ACPZ-RL Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADPD2214ACPZ-RL Datasheet HTML 5Page - Analog Devices ADPD2214ACPZ-RL Datasheet HTML 6Page - Analog Devices ADPD2214ACPZ-RL Datasheet HTML 7Page - Analog Devices ADPD2214ACPZ-RL Datasheet HTML 8Page - Analog Devices ADPD2214ACPZ-RL Datasheet HTML 9Page - Analog Devices ADPD2214ACPZ-RL Datasheet HTML 10Page - Analog Devices ADPD2214ACPZ-RL Datasheet HTML 11Page - Analog Devices ADPD2214ACPZ-RL Datasheet HTML 12Page - Analog Devices ADPD2214ACPZ-RL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ADPD2214
Data Sheet
Rev. 0 | Page 8 of 13
TERMINOLOGY
Optical Power
Optical power is defined as the photon energy per unit of time
measured as radiant flux (Φ) or radiant power, which is radiant
energy (Q) per unit of time.
Responsivity
Photodiode responsivity, ρ, is a constant that correlates incident
optical power (POPT) with photodiode current (IPD) and is typically
expressed in units of amperes per watt (A/W). Responsivity is
essentially the quantum efficiency of the ability of the sensor to
convert light into electron/hole pairs and is highly dependent
upon the wavelength of the incident light as well as sensor
material and temperature.
Photodiode Area
Photodiode area is a measure of the photosensitive area of the
diode. In PIN diodes, this is the photosensitive area of intrinsic
silicon between the positive and negative doped diffusion areas.
In general, larger photodiodes demonstrate greater sensitivity as
the output signal increases linearly with photosensitive area
while noise increases at the sum of the square of the photosensitive
area. A larger photodiode area has a higher capacitance and
longer carrier diffusion paths adversely affecting bandwidth.
Photoconductive Mode
Photoconductive operation of a photodiode occurs when
photons entering the silicon generate electron/hole pairs that
are swept by the electric field to the opposite terminal. These
carriers are presented at the terminals of the photodiode as a
current proportional to the luminous flux incident on the
junction of the photodiode.
Shot Noise
Shot noise is a statistical fluctuation in any quantized signal
such as photons of light and electrons in current. The magnitude
of the shot noise is expressed as a root mean square (rms) noise
current. Shot noise is a fundamental limitation in photodetectors
and takes the form of
Shot noise = √(2qIPD)
where:
q is the charge of an electron (1.602 × 10−19 Coulomb).
IPD is the photodiode current.
Photoplethysmography (PPG)
Photoplethysmography uses light to measure biological
functions by sensing changes in the absorption spectra of soft
tissue due to changes in hemoglobin volume and composition.
Linearity
Linearity is a measure of the deviation from an ideal change
in output current relative to a change in optical power falling
on the sensor. Linearity is specified as the deviation from a best
straight line fit of the current output of the sensor over a speci-
fied range of optical power. Linearity is a critical specification in
PPG measurements due to the requirement of sensing small ac
signals impressed upon large dc offsets.
Static Bias
The ADPD2214 has an internal 10 nA bias that linearizes the
input current mirror at low input levels and prevents transient
reverse bias of the amplifier input stage. This bias is fixed and
appears on the output as a 240 nA typical offset.
Noise Equivalent Power (NEP)
Noise equivalent power is the amount of incident light power
on a photodetector, which generates a photocurrent equal to the
total noise current of the sensor. The noise level is proportional
to the square root of the frequency bandwidth; therefore, NEP
is specified with a 1 Hz bandwidth. NEP is the fundamental
baseline of the detectivity of the sensor.


Podobny numer części - ADPD2214ACPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADPD2210 AD-ADPD2210 Datasheet
448Kb / 16P
   Ultralow noise, low power current amplifier
ADPD2210ACPZ-R7 AD-ADPD2210ACPZ-R7 Datasheet
448Kb / 16P
   Ultralow noise, low power current amplifier
ADPD2210ACPZ-RL AD-ADPD2210ACPZ-RL Datasheet
448Kb / 16P
   Ultralow noise, low power current amplifier
ADPD2211 AD-ADPD2211 Datasheet
476Kb / 14P
   Low Noise, High Sensitivity Optical Sensor
ADPD2211ACPZ-R7 AD-ADPD2211ACPZ-R7 Datasheet
476Kb / 14P
   Low Noise, High Sensitivity Optical Sensor
More results

Podobny opis - ADPD2214ACPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADPD2211 AD-ADPD2211 Datasheet
476Kb / 14P
   Low Noise, High Sensitivity Optical Sensor
ADPD2212 AD-ADPD2212 Datasheet
487Kb / 14P
   Low Noise, High Sensitivity Optical Sensor
logo
MultiDimension Technolo...
TMR9082 MULTIDIMENSION-TMR9082 Datasheet
748Kb / 7P
   High sensitivity, Low Noise TMR Magnetic Linear Sensor
Version 1.0
TMR9002 MULTIDIMENSION-TMR9002 Datasheet
720Kb / 5P
   Ultra High Sensitivity,Ultra Low Noise TMR linear sensor
V1.0a
TMR9001 MULTIDIMENSION-TMR9001 Datasheet
645Kb / 5P
   Ultra High Sensitivity,Ultra Low Noise TMR linear sensor
V1.0a
logo
Roithner LaserTechnik G...
OP-2 ROITHNER-OP-2 Datasheet
147Kb / 2P
   High-Sensitivity Optical Power Sensors
logo
TAITIEN ELECTRONICS CO....
XO-0171-VLEU TAITIEN-XO-0171-VLEU Datasheet
285Kb / 3P
   High Frequency Very Low Noise/Low g-Sensitivity VCXO
logo
Sharp Corporation
GP2U06 SHARP-GP2U06 Datasheet
18Kb / 2P
   High Sensitivity Dust Sensor
logo
Hamamatsu Corporation
R7518 HAMAMATSU-R7518 Datasheet
196Kb / 4P
   PHOTOMULTIPLIER TUBES High Sensitivity with Low Noise Photocathode
logo
TAITIEN ELECTRONICS CO....
NA-100M-6800 TAITIEN-NA-100M-6800 Datasheet
466Kb / 4P
   100MHz Low Noise/Low G-Sensitivity OCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com