Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD2220G Arkusz danych(PDF) 8 Page - Rohm

Numer części BD2220G
Szczegółowy opis  0.75A Current Limit Latch Off High Side Switch ICs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD2220G Arkusz danych(HTML) 8 Page - Rohm

Back Button BD2220G Datasheet HTML 4Page - Rohm BD2220G Datasheet HTML 5Page - Rohm BD2220G Datasheet HTML 6Page - Rohm BD2220G Datasheet HTML 7Page - Rohm BD2220G Datasheet HTML 8Page - Rohm BD2220G Datasheet HTML 9Page - Rohm BD2220G Datasheet HTML 10Page - Rohm BD2220G Datasheet HTML 11Page - Rohm BD2220G Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
BD2220G
BD2221G
Datasheet
Typical Performance Curves - continued
Figure 12. Over-Current Threshold vs
Supply Voltage
Supply Voltage ; VIN[V]
0.5
0.6
0.7
0.8
0.9
1.0
2
3
4
5
6
Ta=25°C
Ambient Temperature ; Ta[°C]
0.5
0.6
0.7
0.8
0.9
1.0
-50
0
50
100
VIN=5.0V
Figure 13. Over-Current Threshold
vs Ambient Temperature
0
20
40
60
80
100
-50
0
50
100
Ta=25°C
Figure 14. /OC Output Low Voltage vs
Supply Voltage
Supply Voltage ; VIN[V]
0
20
40
60
80
100
-50
0
50
100
VIN=5.0V
Figure 15. /OC Output Low Voltage vs
Ambient Temperature
Ambient Temperature ; Ta[°C]
8/22
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300190-1-2
21.Aug.2014 Rev.003


Podobny numer części - BD2220G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD2220G ROHM-BD2220G Datasheet
156Kb / 5P
   USB High side switch IC
BD2220G ROHM-BD2220G Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2220G-LB ROHM-BD2220G-LB Datasheet
549Kb / 24P
   1ch Small Package High Side Switch ICs
BD2220G-LBTR ROHM-BD2220G-LBTR Datasheet
549Kb / 24P
   1ch Small Package High Side Switch ICs
BD2220G ROHM-BD2220G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results

Podobny opis - BD2220G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD2246G ROHM-BD2246G_14 Datasheet
1Mb / 27P
   0.75A Current Limit High Side Switch ICs
BD2224G ROHM-BD2224G_14 Datasheet
1,013Kb / 26P
   0.75A Current Limit High Side Switch ICs
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD6538G ROHM-BD6538G_14 Datasheet
1Mb / 25P
   Output OFF Latch High Side Switch ICs
BD6538G-LB ROHM-BD6538G-LB Datasheet
512Kb / 24P
   Output OFF Latch High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
BD2062FJ ROHM-BD2062FJ_14 Datasheet
1Mb / 26P
   2.4A Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com