Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD2242G-GTR Arkusz danych(PDF) 9 Page - Rohm

Numer części BD2242G-GTR
Szczegółowy opis  1ch Adjustable Current Limit High Side Switch ICs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD2242G-GTR Arkusz danych(HTML) 9 Page - Rohm

Back Button BD2242G-GTR Datasheet HTML 5Page - Rohm BD2242G-GTR Datasheet HTML 6Page - Rohm BD2242G-GTR Datasheet HTML 7Page - Rohm BD2242G-GTR Datasheet HTML 8Page - Rohm BD2242G-GTR Datasheet HTML 9Page - Rohm BD2242G-GTR Datasheet HTML 10Page - Rohm BD2242G-GTR Datasheet HTML 11Page - Rohm BD2242G-GTR Datasheet HTML 12Page - Rohm BD2242G-GTR Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9/26
Datasheet
BD2222G
BD2242G
BD2243G
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111
15
001
TSZ02201-0E3E0H300280-1-2
9.JUN.2014 Rev.004
Typical Performance Curves - continued
0
20
40
60
80
100
-50
0
50
100
Ambient Temperature : Ta[°C]
0
20
40
60
80
100
2
3
4
5
6
Supply Voltage : VIN[V]
1.5
1.6
1.7
1.8
1.9
2.0
-50
0
50
100
Ambient Temperature : Ta[°C]
1.5
1.6
1.7
1.8
1.9
2.0
2
3
4
5
6
Supply Voltage : VIN[V]
VIN=5.0V
RLIM=12kΩ
Figure 21. Over-Current Threshold 3 vs
Ambient Temperature
Ta=25°C
RLIM=20kΩ
I/OC=1mA
Figure 22. /OC Output Low Voltage vs
Supply Voltage
VIN=5.0V
RLIM=20kΩ
I/OC=1mA
Figure 23. /OC Output Low Voltage vs
Ambient Temperature
Ta=25°C
RLIM=12kΩ
Figure 20. Over-Current Threshold 3 vs
Supply Voltage


Podobny numer części - BD2242G-GTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD2242G ROHM-BD2242G Datasheet
993Kb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
More results

Podobny opis - BD2242G-GTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD2242G ROHM-BD2242G Datasheet
993Kb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD2244G-M ROHM-BD2244G-M_16 Datasheet
2Mb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD22441G-C ROHM-BD22441G-C Datasheet
1Mb / 28P
   Automotive 1ch Adjustable Current Limit High Side Switch ICs
11.Apr.2022 Rev.004
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
BD2062FJ ROHM-BD2062FJ_14 Datasheet
1Mb / 26P
   2.4A Current Limit High Side Switch ICs
BD2224G ROHM-BD2224G_14 Datasheet
1,013Kb / 26P
   0.75A Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com