Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD2227G-TR Arkusz danych(PDF) 7 Page - Rohm

Numer części BD2227G-TR
Szczegółowy opis  1.0A Current Limit High Side Switch ICs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD2227G-TR Arkusz danych(HTML) 7 Page - Rohm

Back Button BD2227G-TR Datasheet HTML 3Page - Rohm BD2227G-TR Datasheet HTML 4Page - Rohm BD2227G-TR Datasheet HTML 5Page - Rohm BD2227G-TR Datasheet HTML 6Page - Rohm BD2227G-TR Datasheet HTML 7Page - Rohm BD2227G-TR Datasheet HTML 8Page - Rohm BD2227G-TR Datasheet HTML 9Page - Rohm BD2227G-TR Datasheet HTML 10Page - Rohm BD2227G-TR Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
BD2226G
BD2227G
Datasheet
Typical Performance Curves - continued
Figure 11. ON-Resistance vs
Ambient Temperature
0.0
0.5
1.0
1.5
2.0
2
3
4
5
6
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
Low to High
High to Low
Figure 8. EN, /EN Input Voltage vs
Supply Voltage
Supply Voltage: VIN [V]
0.0
0.5
1.0
1.5
2.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=5.0V
Low to High
High to Low
Figure 9. EN, /EN Input Voltage vs
Ambient Temperature
Ambient Temperature: Ta [°C]
0
50
100
150
200
2
3
4
5
6
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
Figure 10. ON-Resistance vs Supply Voltage
Supply Voltage: VIN [V]
0
50
100
150
200
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=5.0V
Ambient Temperature: Ta [°C]
7/22
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300210-1-2
21.Aug.2014 Rev.002


Podobny numer części - BD2227G-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD2227G-LB ROHM-BD2227G-LB Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2227G-LBTR ROHM-BD2227G-LBTR Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results

Podobny opis - BD2227G-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD2240G ROHM-BD2240G_14 Datasheet
1,006Kb / 27P
   1.0A Current Limit High Side Switch ICs
BD2041AFJ ROHM-BD2041AFJ_14 Datasheet
1Mb / 26P
   1.0A Current Limit High Side Switch ICs
BD2051AFJ-E2 ROHM-BD2051AFJ-E2 Datasheet
682Kb / 25P
   1.0A Current Limit High Side Switch ICs
BD82028FVJ ROHM-BD82028FVJ Datasheet
683Kb / 24P
   1.0A Current Limit High Side Switch ICs
BD82029FVJ ROHM-BD82029FVJ Datasheet
667Kb / 24P
   1.0A Current Limit High Side Switch ICs
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com