Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD2245G-MGTR Arkusz danych(PDF) 3 Page - Rohm

Numer części BD2245G-MGTR
Szczegółowy opis  1ch Adjustable Current Limit High Side Switch ICs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD2245G-MGTR Arkusz danych(HTML) 3 Page - Rohm

  BD2245G-MGTR Datasheet HTML 1Page - Rohm BD2245G-MGTR Datasheet HTML 2Page - Rohm BD2245G-MGTR Datasheet HTML 3Page - Rohm BD2245G-MGTR Datasheet HTML 4Page - Rohm BD2245G-MGTR Datasheet HTML 5Page - Rohm BD2245G-MGTR Datasheet HTML 6Page - Rohm BD2245G-MGTR Datasheet HTML 7Page - Rohm BD2245G-MGTR Datasheet HTML 8Page - Rohm BD2245G-MGTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
3/25
TSZ02201-0GGG0H300050-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
22. Feb.2016 Rev.002
www.rohm.com
TSZ22111
• 15 • 001
BD2244G-M
BD2245G-M
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Rating
Unit
IN Supply Voltage
VIN
-0.3 to +7.0
V
EN Input Voltage
VEN
-0.3 to +7.0
V
ILIM Voltage
VILIM
-0.3 to +7.0
V
ILIM Source Current
IILIM
1
mA
/OC Voltage
V/OC
-0.3 to +7.0
V
/OC Sink Current
I/OC
10
mA
OUT Voltage
VOUT
-0.3 to +7.0
V
Storage Temperature
Tstg
-55 to +150
°C
Power Dissipation
Pd
0.67(Note1)
W
(Note 1) Mounted on 70mm x 70mm x 1.6mm glass epoxy board. Reduce 5.4mW per 1°C above 25°C
Caution: Operating the IC over the absolute maximum ratings may damage the IC. In addition, it is impossible to
predict all destructive situations such as short-circuit modes, open circuit modes, etc. Therefore, it is important to
consider circuit protection measures, like adding a fuse, in case the IC is operated in a special mode exceeding the
absolute maximum ratings.
Recommended Operating Conditions
Parameter
Symbol
Rating
Unit
Min
Typ
Max
IN Operating Voltage
VIN
2.8
5.0
5.5
V
Operating Temperature
TOPR
-40
-
+85
°C
Electrical Characteristics (VIN = 5V, RLIM =20k
Ω, Ta = 25°C, unless otherwise specified.)
DC Characteristics
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Operating Current
IDD
-
120
168
μA
VEN = 5V, VOUT = open, (BD2244G-M)
VEN = 0V, VOUT = open, (BD2245G-M)
Standby Current
ISTB
-
0.01
5
μA
VEN = 0V, VOUT = open, (BD2244G-M)
VEN = 5V, VOUT = open, (BD2245G-M)
EN Input Voltage
VENH
2.0
-
-
V
High input
VENL
-
-
0.8
V
Low input
EN Input Leakage
IEN
-1
0.01
1
μA
VEN = 0V or 5V
On-Resistance
RON
-
100
130
m
Ω
IOUT = 500mA
Reverse Leak Current
IREV
-
-
1
μA
VOUT = 5V, VIN = 0V
Current Limit Threshold
ITH
112
212
313
mA
RLIM = 100
911
1028
1145
RLIM = 20k
Ω
1566
1696
1826
RLIM = 12
Output Discharge Resistance
RDISC
30
60
120
Ω
IOUT = -1mA, VEN = 0V (BD2244G-M)
IOUT = -1mA, VEN = 5V (BD2245G-M)
/OC Output Low Voltage
V/OC
-
-
0.4
V
I/OC = -1mA
UVLO Threshold
VTUVH
2.35
2.55
2.75
V
VIN increasing
VTUVL
2.30
2.50
2.70
V
VIN decreasing
AC Characteristics
Parameter
Symbol
Limits
Unit
Conditions
Min
Typ
Max
Output Rise Time
tON1
-
0.6
6
ms
RL = 100
Ω
Output Turn-On Time
tON2
-
1
10
ms
Output Fall Time
tOFF1
-
1.8
20
μs
Output Turn-Off Time
tOFF2
-
3.2
40
μs
/OC Delay Time
t/OC
4
7
12
ms


Podobny numer części - BD2245G-MGTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD2245G-M ROHM-BD2245G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
More results

Podobny opis - BD2245G-MGTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD2222G ROHM-BD2222G Datasheet
764Kb / 30P
   1ch Adjustable Current Limit High Side Switch ICs
BD2242G ROHM-BD2242G Datasheet
993Kb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD22441G-C ROHM-BD22441G-C Datasheet
1Mb / 28P
   Automotive 1ch Adjustable Current Limit High Side Switch ICs
11.Apr.2022 Rev.004
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
BD2062FJ ROHM-BD2062FJ_14 Datasheet
1Mb / 26P
   2.4A Current Limit High Side Switch ICs
BD2224G ROHM-BD2224G_14 Datasheet
1,013Kb / 26P
   0.75A Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com