Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADuM5411BRSZ-RL7 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADuM5411BRSZ-RL7
Szczegółowy opis  Quad-Channel Isolators with Integrated DC-to-DC Converters
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADuM5411BRSZ-RL7 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADuM5411BRSZ-RL7 Datasheet HTML 7Page - Analog Devices ADuM5411BRSZ-RL7 Datasheet HTML 8Page - Analog Devices ADuM5411BRSZ-RL7 Datasheet HTML 9Page - Analog Devices ADuM5411BRSZ-RL7 Datasheet HTML 10Page - Analog Devices ADuM5411BRSZ-RL7 Datasheet HTML 11Page - Analog Devices ADuM5411BRSZ-RL7 Datasheet HTML 12Page - Analog Devices ADuM5411BRSZ-RL7 Datasheet HTML 13Page - Analog Devices ADuM5411BRSZ-RL7 Datasheet HTML 14Page - Analog Devices ADuM5411BRSZ-RL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Data Sheet
ADuM5410/ADuM5411/ADuM5412
Rev. 0 | Page 11 of 29
ELECTRICAL CHARACTERISTICS—1.8 V OPERATION DIGITAL ISOLATOR CHANNELS ONLY
All typical specifications are at TA = 25°C, VDD1 = VDD2 = 1.8 V. Minimum/maximum specifications apply over the entire recommended
operation range: 1.7 V ≤ VDD1 ≤ 1.9 V, 1.7 V ≤ VDD2 ≤ 1.9 V, and −40°C ≤ TA ≤ +105°C, unless otherwise noted. Switching specifications
are tested with CL = 15 pF and CMOS signal levels, unless otherwise noted. Supply currents are specified with 50% duty cycle signals.
Table 18. Data Channel Supply Current Specifications
1 Mbps
25 Mbps
100 Mbps
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY CURRENT
CL = 0 pF
ADuM5410
IDD1
6.4
9.8
7.2
11
10.2
15.2
mA
IDD2
1.9
3.5
3.1
5.0
6.8
10
mA
ADuM5411
IDD1
5.5
9.1
6.3
10.0
9.6
14.0
mA
IDD2
3.72
6.45
4.8
7.5
8.4
11.2
mA
ADuM5412
IDD1
4.3
7.7
5.3
8.7
8.6
12.6
mA
IDD2
4.9
8.3
6.0
9.4
9.3
13.3
mA
Table 19. Switching Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SWITCHING SPECIFICATIONS
Pulse Width
PW
6.6
ns
Within PWD limit
Data Rate
150
Mbps
Within PWD limit
Propagation Delay
tPHL, tPLH
5.8
8.7
15
ns
50% input to 50% output
Pulse Width Distortion
PWD
0.7
3
ns
|tPLH − tPHL|
Change vs. Temperature
1.5
ps/°C
Propagation Delay Skew
tPSK
7.0
ns
Between any two units at the same temperature, voltage, and
load
Channel Matching
Codirectional
tPSKCD
0.7
3.0
ns
Opposing Direction
tPSKOD
0.7
3.0
ns
Jitter
470
ps p-p
70
ps rms


Podobny numer części - ADuM5411BRSZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM5400 AD-ADUM5400 Datasheet
370Kb / 15P
   Isolated DC/DC Converter
Rev. PrA
ADUM5400 AD-ADUM5400 Datasheet
384Kb / 21P
   Quad-Channel Isolator with Integrated DC-to-DC Converter
Rev. PrA
ADUM5400 AD-ADUM5400 Datasheet
386Kb / 16P
   Quad-Channel Isolator with Integrated DC-to-DC Converter
REV. 0
ADUM5400 AD-ADUM5400 Datasheet
301Kb / 16P
   Quad-Channel Isolator with Integrated DC-to-DC Converter
REV. A
ADuM5400 AD-ADuM5400 Datasheet
391Kb / 6P
   Industrial Current
More results

Podobny opis - ADuM5411BRSZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM6410 AD-ADUM6410 Datasheet
874Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM5210 AD-ADUM5210 Datasheet
555Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM5210 AD-ADUM5210_V01 Datasheet
527Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM6210 AD-ADUM6210_V01 Datasheet
525Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM6210 AD-ADUM6210 Datasheet
532Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM5401W AD-ADUM5401W Datasheet
452Kb / 20P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A Datasheet
533Kb / 26P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
ADUM5401 AD-ADUM5401 Datasheet
587Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com