Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUX1020-EVAL-SDP Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADUX1020-EVAL-SDP
Szczegółowy opis  Photometric Sensor for Gesture and Proximity
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADUX1020-EVAL-SDP Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADUX1020-EVAL-SDP Datasheet HTML 5Page - Analog Devices ADUX1020-EVAL-SDP Datasheet HTML 6Page - Analog Devices ADUX1020-EVAL-SDP Datasheet HTML 7Page - Analog Devices ADUX1020-EVAL-SDP Datasheet HTML 8Page - Analog Devices ADUX1020-EVAL-SDP Datasheet HTML 9Page - Analog Devices ADUX1020-EVAL-SDP Datasheet HTML 10Page - Analog Devices ADUX1020-EVAL-SDP Datasheet HTML 11Page - Analog Devices ADUX1020-EVAL-SDP Datasheet HTML 12Page - Analog Devices ADUX1020-EVAL-SDP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ADUX1020
Data Sheet
Rev. A | Page 8 of 31
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
SCL
2
VDD
3
VREF
4
AGND
NOTES
1. EXPOSED PAD. CONNECT THE
EXPOSED PAD TO DGND OR TO
AN ELECTRICALLY ISOLATED PAD.
8 SDA
7 INT
6LEDX
5DGND
ADUX1020
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
1
SCL
Digital input
Serial Clock for I2C Communication.
2
VDD
Supply
1.8 V Supply Input.
3
VREF
Input
Reference Voltage. Bypass this pin with a 1 μF to 4 μF capacitor from VREF to AGND.
4
AGND
Supply
Analog Ground.
5
DGND
Supply
Digital Ground.
6
LEDX
Analog input
LED Current Sink.
7
INT
Digital output
Interrupt Output.
8
SDA
Digital bidirectional
Serial Data.
EPAD
Not applicable
Exposed Pad. Connect the exposed pad to DGND or to an electrically isolated pad.


Podobny numer części - ADUX1020-EVAL-SDP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burland Technology Solu...
ADU BURLAND-ADU Datasheet
1Mb / 4P
   Chameleon ADU
logo
Analog Devices
ADUC7019 AD-ADUC7019 Datasheet
987Kb / 92P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
REV. A
ADuC7019BCPZ62I AD-ADuC7019BCPZ62I Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADuC7019BCPZ62I-RL AD-ADuC7019BCPZ62I-RL Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADuC7019BCPZ62IRL7 AD-ADuC7019BCPZ62IRL7 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results

Podobny opis - ADUX1020-EVAL-SDP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9500 AVAGO-APDS-9500 Datasheet
298Kb / 36P
   Imaging-Based Proximity and Gesture Sensor
APDS-9960 AVAGO-APDS-9960 Datasheet
1Mb / 38P
   Digital Proximity, Ambient Light, RGB and Gesture Sensor
logo
ELMOS Semiconductor AG
E909.21 ELMOS-E909.21 Datasheet
144Kb / 2P
   HALIOS Controller for Proximity and Gesture Recognition
logo
Sharp Corporation
GP2AP054A00F SHARP-GP2AP054A00F Datasheet
820Kb / 25P
   GP2AP054A00F is ambient light sensor and gesture sens or/proximity sensor with function ambient light sensing and gesture sensing proximity sensing by setting register.
logo
STMicroelectronics
VL6180X-SATEL STMICROELECTRONICS-VL6180X-SATEL Datasheet
168Kb / 5P
   Satellite boards based on VL6180X proximity, gesture and ambient light sensor
June 2015 Rev 2
logo
ams AG
TMG3993 AMSCO-TMG3993 Datasheet
2Mb / 95P
   Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
TMG3992 AMSCO-TMG3992 Datasheet
3Mb / 95P
   Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
logo
Vishay Siliconix
VCNL4035X01 VISHAY-VCNL4035X01_V01 Datasheet
268Kb / 18P
   Fully Integrated Proximity and Ambient Light Sensor With I2C Interface and Interrupt Function for Gesture Applications
01-Jan-2022
VCNL4035X01 VISHAY-VCNL4035X01 Datasheet
258Kb / 18P
   Fully Integrated Proximity and Ambient Light Sensor with I2C Interface and Interrupt Function for Gesture Applications
Rev. 1.5, 10-Mar-17
VCNL4035X01 VISHAY-VCNL4035X01_V02 Datasheet
269Kb / 18P
   Fully Integrated Proximity and Ambient Light Sensor With 2C Interface and Interrupt Function for Gesture Applications
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com