Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD2246G Arkusz danych(PDF) 1 Page - Rohm

Numer części BD2246G
Szczegółowy opis  0.75A Current Limit High Side Switch ICs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD2246G Arkusz danych(HTML) 1 Page - Rohm

  BD2246G_14 Datasheet HTML 1Page - Rohm BD2246G_14 Datasheet HTML 2Page - Rohm BD2246G_14 Datasheet HTML 3Page - Rohm BD2246G_14 Datasheet HTML 4Page - Rohm BD2246G_14 Datasheet HTML 5Page - Rohm BD2246G_14 Datasheet HTML 6Page - Rohm BD2246G_14 Datasheet HTML 7Page - Rohm BD2246G_14 Datasheet HTML 8Page - Rohm BD2246G_14 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product has not designed protection against radioactive rays
.
1/23
TSZ02201-0E3E0H300310-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
21.Aug.2014 Rev.002
TSZ22111・14・001
www.rohm.com
1 Channel Compact High Side Switch ICs
0.75A Current Limit High Side Switch ICs
BD2246G BD2247G
General Description
BD2246G and BD2247G are low ON-Resistance
high-side power switches N-Channel MOSFETs for
Universal Serial Bus (USB) applications. These ICs
have built-in over-current protection, thermal shutdown,
under-voltage lockout and soft-start.
Features
Built-in Low ON-Resistance (Typ
110mΩ)
N-Channel MOSFET
Over-Current Detection
Thermal Shutdown
Open-Drain Fault Flag Output
Flag Output Delay
Under-Voltage Lockout
Soft-Start Circuit
Output Discharge Function
Reverse Current Protection when
Power Switch Off
Control Input Logic
Active-High:
BD2246G
Active-Low:
BD2247G
Applications
USB Hub in Consumer Appliances, PC, PC Peripheral
Equipment, and so forth
Key Specifications
 Input Voltage Range:
2.7V to 5.5V
 ON-Resistance:
110m
Ω(Typ)
 Over-Current Threshold:
0.63A (Min), 0.9A (Max)
 Standby Current:
0.01
μA (Typ)
 Operating Temperature Range:
-40°C to +85°C
Package W(Typ) D(Typ) H (Max)
Typical Application Circuit
Lineup
Over-Current Threshold
Control Input
Logic
Package
Orderable Part Number
Min
Typ
Max
0.63A
0.765A
0.9A
High
SSOP5
Reel of 3000
BD2246G-GTR
0.63A
0.765A
0.92A
Low
SSOP5
Reel of 3000
BD2247G-GTR
SSOP5
2.90mm x 2.80mm x 1.25mm
10k
Ω to
100kΩ
CL
CIN
IN
GND
EN
OUT
/OC
5V (Typ)
+
-
3.3V
Datasheet


Podobny numer części - BD2246G_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD2246G ROHM-BD2246G Datasheet
299Kb / 14P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results

Podobny opis - BD2246G_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD2224G ROHM-BD2224G_14 Datasheet
1,013Kb / 26P
   0.75A Current Limit High Side Switch ICs
BD2220G ROHM-BD2220G_14 Datasheet
937Kb / 26P
   0.75A Current Limit Latch Off High Side Switch ICs
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
BD2062FJ ROHM-BD2062FJ_14 Datasheet
1Mb / 26P
   2.4A Current Limit High Side Switch ICs
BD2240G ROHM-BD2240G_14 Datasheet
1,006Kb / 27P
   1.0A Current Limit High Side Switch ICs
BD82000FVJ-LB ROHM-BD82000FVJ-LB Datasheet
532Kb / 26P
   1.5A Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com