Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UF4001 Arkusz danych(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Numer części UF4001
Szczegółowy opis  1.0AMP. SILICON ULTRA FAST RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Strona internetowa  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

UF4001 Arkusz danych(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  UF4001 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
--
- 205 -
UF4001 THRU UF4007
1.0AMP. SILICON ULTRA FAST RECTIFIER
FEATURE
.
Low leakage
.
Low forward voltage drop
.
High current capability
.
High surge capability
.
High reliability
.
High temperature soldering guaranteed
260°C /10sec / 0.375" lead length at 5 lbs tension
MECHANICAL DATA
.
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
.
Case: Molded with UL-94 Class V-0 recognized
Flame Retardant Epoxy
.
Polarity: color band denotes cathode
.
Mounting position: any
DO-41
.787(20.0)
M IN.
.205(5.2)
.166(4.2)
.787(20.0)
M IN.
.107(2.7)
.080(2.0)
DIA.
+
-
.032(0.8)
.025(0.65)
DIA.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
SYMBOL
UF
4001
UF
4002
UF
4003
UF
4004
UF
4005
UF
4006
UF
4007
units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
.375"(9.5mm) lead length at TA =55°C
IF(AV)
1.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
method)
IFSM
30
A
Maximum Instantaneous forward Voltage at
1.0A DC
VF
1.0
1.7
V
Maximum DC Reverse Current
@TA=25°C
at rated DC blocking voltage
@TA =100°C
IR
5.0
100.0
µA
Maximum Reverse Recovery Time (Note 1)
trr
50
75
ns
Typical Junction Capacitance (Note 2)
CJ
20
15
pF
Typical Thermal Resistance (Note 3)
R(JA)
75
°C/W
Storage Temperature
TSTG
-55 to +150
°C
Operation Junction Temperature
TJ
-55 to +150
°C
Note:
1. Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient at 0.375"(9.5mm)lead length, vertical P.C.Board Mounted.


Podobny numer części - UF4001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EIC discrete Semiconduc...
UF4001 EIC-UF4001 Datasheet
52Kb / 2P
   UTRAFAST EFFICIENT RECTIFIER DIODES
logo
Won-Top Electronics
UF4001 WTE-UF4001 Datasheet
49Kb / 3P
   1.0A ULTRAFAST RECOVERY RECTIFIER
logo
DIYI Electronic Technol...
UF4001 DYELEC-UF4001 Datasheet
968Kb / 2P
   1.0 AMP. Ultra Fast Rectifiers
logo
Taiwan Semiconductor Co...
UF4001 TSC-UF4001 Datasheet
431Kb / 4P
   1.0AMP. Glass Passivated High Efficient Rectifiers
logo
List of Unclassifed Man...
UF4001 ETC1-UF4001 Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results

Podobny opis - UF4001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DIYI Electronic Technol...
U1A DYELEC-U1A Datasheet
1Mb / 2P
   1.0AMP ULTRA FAST RECOVERY SILICON RECTIFIER
U1AU DYELEC-U1AU Datasheet
1Mb / 2P
   1.0AMP ULTRA FAST RECOVERY SILICON RECTIFIER
US1AU DYELEC-US1AU Datasheet
1Mb / 2P
   1.0AMP ULTRA FAST RECOVERY SILICON RECTIFIER
US1A DYELEC-US1A Datasheet
1Mb / 2P
   1.0AMP ULTRA FAST RECOVERY SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
UF4001G CHONGQING-UF4001G_16 Datasheet
193Kb / 1P
   1.0AMP. GLASS PASSIVATED ULTRA FAST RECTIFIER
logo
Sirectifier Global Corp...
UF4001 SIRECT-UF4001 Datasheet
187Kb / 2P
   Ultra Fast Recovery Rectifier - 1.0Amp 50~1000Volt
logo
DIYI Electronic Technol...
UMB1SU DYELEC-UMB1SU_17 Datasheet
2Mb / 3P
   SINGLE PHASE 1.0AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
US1AL DYELEC-US1AL Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
UMB1FU DYELEC-UMB1FU_17 Datasheet
2Mb / 3P
   SINGLE PHASE 1.0AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
UMB1MU DYELEC-UMB1MU Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com