Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100LVEL91 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC100LVEL91
Szczegółowy opis  3.3 V Triple LVPECL Input to -3.3 V to -5.0 V ECL Output Translator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL91 Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC100LVEL91 Datasheet HTML 1Page - ON Semiconductor MC100LVEL91 Datasheet HTML 2Page - ON Semiconductor MC100LVEL91 Datasheet HTML 3Page - ON Semiconductor MC100LVEL91 Datasheet HTML 4Page - ON Semiconductor MC100LVEL91 Datasheet HTML 5Page - ON Semiconductor MC100LVEL91 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 12
1
Publication Order Number:
MC100LVEL91/D
MC100LVEL91
3.3 V Triple LVPECL Input to
-3.3 V to -5.0 V ECL Output
Translator
Description
The MC100LVEL91 is a triple LVPECL input to ECL output
translator. The device receives low voltage differential PECL signals,
determined by the VCC supply level, and translates them to differential
−3.3 V to −5.0 V ECL output signals.
To accomplish the level translation the LVEL91 requires three
power rails. The VCC supply should be connected to the positive
supply, and the VEE pin should be connected to the negative power
supply. The GND pins are connected to the system ground plane. Both
VEE and VCC should be bypassed to ground via 0.01 mF capacitors.
Under open input conditions, the D input will be biased at VCC/2
and the D input will be pulled to GND. This condition will force the
Q output to a low, ensuring stability.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single-ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01 mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
Features
620 ps Typical Propagation Delay
The 100 Series Contains Temperature Compensation
Operating Range: VCC = 3.8 V to 3.0 V;
VEE = −3.0 V to −5.5 V; GND = 0 V
Q Output will Default LOW with Inputs Open or at GND
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
MARKING DIAGRAM*
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb-Free Package
SOIC−20 WB
DW SUFFIX
CASE 751D
www.onsemi.com
1
20
MC100LVEL91
AWLYYWWG
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
*For additional marking information, refer to
Application Note AND8002/D.
ORDERING INFORMATION
Device
Package
Shipping
MC100LVEL91DWG
SOIC−20 WB
(Pb-Free)
38 Units/Tube
MC100LVEL91DWR2G SOIC−20 WB
(Pb-Free)
1000/Tape & Reel


Podobny numer części - MC100LVEL91

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100LVEL91 ONSEMI-MC100LVEL91 Datasheet
80Kb / 4P
   Triple PECL to ECL Translator?
1997 REV 1
MC100LVEL91 ONSEMI-MC100LVEL91 Datasheet
111Kb / 6P
   3.3 V Triple LVPECL Input to ??.3 V to ??.0 V ECL Output Translator
November, 2006 ??Rev. 10
MC100LVEL91 ONSEMI-MC100LVEL91 Datasheet
209Kb / 8P
   Clock Management Design Using Low Skew and Low Jitter Devices
June, 2001 ??Rev. 0
MC100LVEL91DW ONSEMI-MC100LVEL91DW Datasheet
111Kb / 6P
   3.3 V Triple LVPECL Input to ??.3 V to ??.0 V ECL Output Translator
November, 2006 ??Rev. 10
MC100LVEL91DWG ONSEMI-MC100LVEL91DWG Datasheet
111Kb / 6P
   3.3 V Triple LVPECL Input to ??.3 V to ??.0 V ECL Output Translator
November, 2006 ??Rev. 10
More results

Podobny opis - MC100LVEL91

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100LVEL90 ONSEMI-MC100LVEL90_16 Datasheet
149Kb / 5P
   -3.3V / -5V Triple ECL Input to LVPECL Output Translator
July, 2016 ??Rev. 12
MC100LVEL91 ONSEMI-MC100LVEL91_06 Datasheet
111Kb / 6P
   3.3 V Triple LVPECL Input to ??.3 V to ??.0 V ECL Output Translator
November, 2006 ??Rev. 10
MC100EL90 ONSEMI-MC100EL90 Datasheet
147Kb / 6P
   -3.3 V / -5V Triple ECL Input to PECL Output Translator
July, 2016 ??Rev. 4
MC100LVEL90 ONSEMI-MC100LVEL90_06 Datasheet
112Kb / 6P
   ??.3V / ??V Triple ECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
MC100EPT25 ONSEMI-MC100EPT25_16 Datasheet
166Kb / 8P
   -3.3V / -5V Differential ECL to 3.3V LVTTL Translator
August, 2016 ??Rev. 17
MC10EP90 ONSEMI-MC10EP90_06 Datasheet
136Kb / 9P
   ??.3V / ??V Triple ECL Input to LVPECL/PECL Output Translator
November, 2006 ??Rev. 6
MC100EL91 ONSEMI-MC100EL91_06 Datasheet
111Kb / 6P
   5 V Triple PECL Input to ?? V ECL Output Translator
November, 2006 ??Rev. 6
MC100EP91 ONSEMI-MC100EP91 Datasheet
168Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to -3.3 V/-5.5 V NECL Output Translator
August, 2006 ??Rev. 1
NB100LVEP91 ONSEMI-NB100LVEP91_16 Datasheet
182Kb / 11P
   2.5 V/3.3 V Any Level Positive Input to -2.5 V/-3.3 V LVNECL Output Translator
August, 2016 ??Rev. 19
MC100LVELT20 ONSEMI-MC100LVELT20_16 Datasheet
135Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com