Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14046BDWR2G Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MC14046BDWR2G
Szczegółowy opis  Phase Locked Loop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14046BDWR2G Arkusz danych(HTML) 2 Page - ON Semiconductor

  MC14046BDWR2G Datasheet HTML 1Page - ON Semiconductor MC14046BDWR2G Datasheet HTML 2Page - ON Semiconductor MC14046BDWR2G Datasheet HTML 3Page - ON Semiconductor MC14046BDWR2G Datasheet HTML 4Page - ON Semiconductor MC14046BDWR2G Datasheet HTML 5Page - ON Semiconductor MC14046BDWR2G Datasheet HTML 6Page - ON Semiconductor MC14046BDWR2G Datasheet HTML 7Page - ON Semiconductor MC14046BDWR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC14046B
http://onsemi.com
2
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
R2
PC2out
PCAin
ZENER
VDD
VCOin
SFout
R1
VCOout
PCBin
PC1out
LD
VSS
C1B
C1A
INH
BLOCK DIAGRAM
PCAin
PCBin
VCOin
INH
14
3
9
5
VDD = PIN 16
VSS = PIN 8
2PC1out
13PC2out
1LD
4VCOout
11R1
12R2
6C1A
7C1B
10SFout
15ZENER
VSS
SELF BIAS
CIRCUIT
PHASE
COMPARATOR 1
PHASE
COMPARATOR 2
VOLTAGE
CONTROLLED
OSCILLATOR
(VCO)
SOURCE FOLLOWER
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Symbol
VDD
Vdc
− 55
_C
25
_C
125
_C
Unit
Min
Max
Min
Typ
Max
Min
Max
Output Voltage
“0” Level
Vin = VDD or 0
“1” Level
Vin = 0 or VDD
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage (Note 2)
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
(VO = 0.5 or 4.5 Vdc)
“1” Level
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIL
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOH
5.0
5.0
10
15
–1.2
–0.25
–0.62
–1.8
–1.0
–0.2
–0.5
–1.5
–1.7
–0.36
–0.9
–3.5
–0.7
–0.14
–0.35
–1.1
mAdc
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mAdc
Input Current
Iin
15
±0.1
±0.00001
±0.1
±1.0
mAdc
Input Capacitance
Cin
5.0
7.5
pF
Quiescent Current
(Per Package) Inh =
PCAin = VDD,
Zener = VCOin = 0 V, PCBin = VDD
or 0 V, Iout = 0 mA
IDD
5.0
10
15
5.0
10
20
0.005
0.010
0.015
5.0
10
20
150
300
600
mAdc
Total Supply Current (Note 3)
(Inh = “0”, fo = 10 kHz, CL = 50 pF,
R1 = 1.0 M
W, R2 = R RSF = ∞,
and 50% Duty Cycle)
IT
5.0
10
15
IT = (1.46 mA/kHz) f + IDD
IT = (2.91 mA/kHz) f + IDD
IT = (4.37 mA/kHz) f + IDD
mAdc
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Noise immunity specified for worst−case input combination.
Noise Margin for both “1” and “0” level =
1.0 Vdc min @ VDD = 5.0 Vdc
2.0 Vdc min @ VDD = 10 Vdc
2.5 Vdc min @ VDD = 15 Vdc
3. To Calculate Total Current in General:
IT [ 2.2 x VDD
+ 1 x 10−3 (CL + 9) VDD f +
VCOin – 1.65
+
VDD − 1.35 3/4
R1
R2
VCOin – 1.65 3/4
+ 1.6 x
where: IT in mA, CL in pF, VCOin, VDD in Vdc, f in kHz, and
R1, R2, RSF in MW, CL on VCOout.
RSF
1 x 10−1 VDD2
100% Duty Cycle of PCAin
100
+ IQ


Podobny numer części - MC14046BDWR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14046BDWR2G ONSEMI-MC14046BDWR2G Datasheet
117Kb / 8P
   Phase Locked Loop
August, 2005 ??Rev. 10
More results

Podobny opis - MC14046BDWR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
   PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
   PHASE-LOCKED LOOP
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
   PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com