Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14046BFELG Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC14046BFELG
Szczegółowy opis  Phase Locked Loop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14046BFELG Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC14046BFELG Datasheet HTML 1Page - ON Semiconductor MC14046BFELG Datasheet HTML 2Page - ON Semiconductor MC14046BFELG Datasheet HTML 3Page - ON Semiconductor MC14046BFELG Datasheet HTML 4Page - ON Semiconductor MC14046BFELG Datasheet HTML 5Page - ON Semiconductor MC14046BFELG Datasheet HTML 6Page - ON Semiconductor MC14046BFELG Datasheet HTML 7Page - ON Semiconductor MC14046BFELG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC14046B
http://onsemi.com
5
Typical Low−Pass Filters
NOTE: Sometimes R3 is split into two series resistors each R3
÷ 2. A capacitor CC is then placed from the midpoint to ground. The value for
CC should be such that the corner frequency of this network does not significantly affect Wn. In Figure B, the ratio of R3 to R4 sets
the damping, R4
^ (0.1)(R3) for optimum results.
Figure 3. General Phase−Locked Loop Connections and Waveforms
Waveforms
Note: for further information, see:
(1) F. Gardner, “Phase−Lock Techniques”, John Wiley and Son, New York, 1966.
(2) G. S. Moschytz, “Miniature RC Filters Using Phase−Locked Loop”, BSTJ, May, 1965.
(3) Garth Nash, “Phase−Lock Loop Design Fundamentals”, AN−535, Motorola Inc.
(4) A. B. Przedpelski, “Phase−Locked Loop Design Articles”, AR254, reprinted by Motorola Inc.
PCAin
@ FREQUENCY f
PCBin
14
3
PHASE
COMPARATOR
EXTERNAL
LOW-PASS
FILTER
VCO
2 OR 13
PC1out
OR
PC2out
VCOin
9
9
10
4
EXTERNAL
÷ N
COUNTER
R1
R2
11
12
6
7
CIA
CIB
CI
SFout
RSF
VCOout
@ FREQUENCY Nf
′ = f
(a)
INPUT
R3
OUTPUT
C2
2fC [
1
p
2
pfL
R3 C2
(a)
INPUT
R3
OUTPUT
R4
C2
Typically:
R4 C2 +
6N
fmax
N
2
pD f
(R3 ) 3, 000W)C2 +
100N
Df
fmax2
–R4 C2
D f = fmax − fmin
Definitions:
N = Total division ratio in feedback loop
K
φ = VDD/π for Phase Comparator 1
K
φ = VDD/4 π for Phase Comparator 2
KVCO +
2
pD fVCO
VDD –2V
2
p fr
10
for a typical design
Wn ^
(at phase detector input)
ζ ^ 0.707
LOW−PASS FILTER
Filter A
Filter B
wn +
K
fKVCO
NR3C2
z +
N
wn
2KfKVCO
F(s)
+
1
R3C2S ) 1
wn +
K
fKVCO
NC2(R3 ) R4)
z + 0.5 wn (R3C2 )
N
KfKVCO
)
F(s)
+
R3C2S ) 1
S(R3C2 ) R4C2) ) 1
PCAin
PCBin
PC1out
VCOin
VDD
VSS
VOH
VOL
VOH
VOL
VOH
VOL
PCAin
PCBin
PC2out
VCOin
LD
VDD
VSS
VOH
VOL
VOH
VOL
VOH
VOL
VOL
VOH
Phase Comparator 1
Phase Comparator 2
SOURCE
FOLLOWER


Podobny numer części - MC14046BFELG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14046BFELG ONSEMI-MC14046BFELG Datasheet
117Kb / 8P
   Phase Locked Loop
August, 2005 ??Rev. 10
More results

Podobny opis - MC14046BFELG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
   PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
   PHASE-LOCKED LOOP
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
   PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com