Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14046BFELG Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC14046BFELG
Szczegółowy opis  Phase Locked Loop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14046BFELG Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC14046BFELG Datasheet HTML 1Page - ON Semiconductor MC14046BFELG Datasheet HTML 2Page - ON Semiconductor MC14046BFELG Datasheet HTML 3Page - ON Semiconductor MC14046BFELG Datasheet HTML 4Page - ON Semiconductor MC14046BFELG Datasheet HTML 5Page - ON Semiconductor MC14046BFELG Datasheet HTML 6Page - ON Semiconductor MC14046BFELG Datasheet HTML 7Page - ON Semiconductor MC14046BFELG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC14046B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Note 4) (CL = 50 pF, TA = 25°C)
Characteristic
Symbol
VDD
Vdc
Minimum
Typical
Maximum
Units
Device
Device
Output Rise Time
tTLH = (3.0 ns/pF) CL + 30 ns
tTLH = (1.5 ns/pF) CL + 15 ns
tTLH = (1.1 ns/pF) CL + 10 ns
tTLH
5.0
10
15
180
90
65
350
150
110
ns
Output Fall Time
tTHL = (1.5 ns/pF) CL + 25 ns
tTHL = (0.75 ns/pF) CL + 12.5 ns
tTHL = (0.55 ns/pF) CL + 9.5 ns
tTHL
5.0
10
15
100
50
37
175
75
55
ns
PHASE COMPARATORS 1 and 2
Input Resistance − PCAin
− PCBin
Rin
5.0
10
15
1.0
0.2
0.1
2.0
0.4
0.2
M
W
Rin
15
150
1500
M
W
Minimum Input Se−sitivity
AC Coupled — PCAin
C series = 1000 pF, f = 50 kHz
Vin
5.0
10
15
200
400
700
300
600
1050
mV p–p
DC Coupled − PCAin, PCBin
5 to 15
See Noise Immunity
VOLTAGE CONTROLLED OSCILLATOR (VCO)
Maximum Frequency
(VCOin = VDD, C1 = 50 pF
R1 = 5.0 k
W, and R2 = ∞)
fmax
5.0
10
15
0.5
1.0
1.4
0.7
1.4
1.9
MHz
Temperature − Frequency Stability
(R2 =
∞ )
5.0
10
15
0.12
0.04
0.015
%/
_C
Linearity (R2 =
∞ )
(VCOin = 2.5 V ± 0.3 V, R1 > 10 kW)
(VCOin = 5.0 V ± 2.5 V, R1 > 400 kW)
(VCOin = 7.5 V ± 5.0 V, R1 ≥ 1000 kW)
5.0
10
15
1.0
1.0
1.0
%
Output Duty Cycle
5 to 15
50
%
Input Resistance − VCOin
Rin
15
150
1500
M
W
SOURCE−FOLLOWER
Offset Voltage
(VCOin minus SFout, RSF > 500 kW)
5.0
10
15
1.65
1.65
1.65
2.2
2.2
2.2
V
Linearity
(VCOin = 2.5 V ± 0.3 V, RSF > 50 kW)
(VCOin = 5.0 V ± 2.5 V, RSF > 50 kW)
(VCOin = 7.5 V ± 5.0 V, RSF > 50 kW)
5.0
10
15
0.1
0.6
0.8
%
ZENER DIODE
Zener Voltage (Iz = 50 mA)
VZ
6.7
7.0
7.3
V
Dynamic Resistance (Iz = 1.0 mA)
RZ
100
W
4. The formula given is for the typical characteristics only.


Podobny numer części - MC14046BFELG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14046BFELG ONSEMI-MC14046BFELG Datasheet
117Kb / 8P
   Phase Locked Loop
August, 2005 ??Rev. 10
More results

Podobny opis - MC14046BFELG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
   PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
   PHASE-LOCKED LOOP
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
   PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com