Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMB5931B Arkusz danych(PDF) 1 Page - Dc Components

Numer części SMB5931B
Szczegółowy opis  RECTIFIER SPECIALISTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DCCOM [Dc Components]
Strona internetowa  http://www.dccomponents.com
Logo DCCOM - Dc Components

SMB5931B Arkusz danych(HTML) 1 Page - Dc Components

  SMB5931B Datasheet HTML 1Page - Dc Components SMB5931B Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SMB5920B
THRU
SMB5956B
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
Dimensions in inches(millimeters)
Fig. 1 - changes in the power dissipation
due to the ambient temperature.
2
1
Ta(oC)
0
50
100
150
Ambient Temperature.
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
SYMBOL
VALUE
UNITS
Zener Current see Table "Characteristics"
Power Dissipation (Notes 1) at Tamb=25oC
Ptot
1.5
W
Peak Forward Surge Current, 8.3ms single half sine-wave
IFSM
superimposed on rated load (JEDEC Method) (Notes 2)
10
Amps
Maximum Forward Voltage at IF=200mA
VF
1.5
Volts
Operating and Storage Temperature
TJ,Tstg
-55 to + 150
o
C
Notes: 1. Mounted on 5.0mm2 (.013mm thick) land areas.
2. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
0
1
2
3
4
5
6
7
8
9
10
VZ, Zener Voltage(V)
Fig. 2 - VZ=3.9 Thru 10 Volts
FEATURES
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
*Terminals:Solder plated, solderable per
MIL-STD-750, Method 2026
*Polarity:As Marked
* Mounting position: Any
* Weight: 0.093 gram
* Voltage Range:6.2V to 200V
* Build-in strain relief
* Glass passivated junction
* Low inductance
* Excellent clamping capability
* Low profile package
VOLTAGE RANGE - 6.2 to 200 Volts
POWER - 1.5 Watts
SMB ( DO-214AA )
.008(0.2)
.004(0.1)
.012(0.3)
.004(0.1)
.155(3.9)
.130(3.3)
.185(4.7)
.161(4.1)
.083(2.1)
.075(1.9)
.220(5.6)
.197(5.0)
.060(1.5)
.030(0.8)
.096(2.4)
.084(2.1)
www.dccomponents.com
1
REV-1,FEBRUARY,2015


Podobny numer części - SMB5931B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
SMB5931B SECOS-SMB5931B Datasheet
201Kb / 4P
   3.0 Watts Surface Mount Zener Diode
logo
PACELEADER INDUSTRIAL
SMB5931B PACELEADER-SMB5931B Datasheet
381Kb / 2P
   SURFACE MOUNT ZENER TYPE
logo
SeCoS Halbleitertechnol...
SMB5931B SECOS-SMB5931B Datasheet
238Kb / 3P
   VOLTAGE 6.2 V ~ 200 V 1.5 Watts Surface Mount Zener Diode
logo
Weitron Technology
SMB5931B WEITRON-SMB5931B Datasheet
81Kb / 2P
   Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
SMB5931B SECOS-SMB5931B Datasheet
238Kb / 3P
   1.5 Watts Surface Mount Zener Diode
More results

Podobny opis - SMB5931B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Yea Shin Technology Co....
RS1A YEASHIN-RS1A Datasheet
208Kb / 2P
   RECTIFIER SPECIALISTS
logo
Dc Components
1EZ6.2 DCCOM-1EZ6.2 Datasheet
44Kb / 3P
   RECTIFIER SPECIALISTS
MBK22F DCCOM-MBK22F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05F DCCOM-MB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
SMB2EZ6.2 DCCOM-SMB2EZ6.2 Datasheet
55Kb / 2P
   RECTIFIER SPECIALISTS
SPA2040 DCCOM-SPA2040 Datasheet
72Kb / 2P
   RECTIFIER SPECIALISTS
SQ1530 DCCOM-SQ1530 Datasheet
44Kb / 2P
   RECTIFIER SPECIALISTS
SS52F DCCOM-SS52F Datasheet
82Kb / 2P
   RECTIFIER SPECIALISTS
DZL4728A DCCOM-DZL4728A Datasheet
31Kb / 2P
   RECTIFIER SPECIALISTS
FMB05F DCCOM-FMB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05S DCCOM-MB05S Datasheet
37Kb / 2P
   RECTIFIER SPECIALISTS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com