Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LSCHG-3 Arkusz danych(PDF) 1 Page - IQD Frequency Products Ltd

Numer części LSCHG-3
Szczegółowy opis  Crystal Clock Oscillator Specification
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IQD [IQD Frequency Products Ltd]
Strona internetowa  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

LSCHG-3 Arkusz danych(HTML) 1 Page - IQD Frequency Products Ltd

  LSCHG-3 Datasheet HTML 1Page - IQD Frequency Products Ltd LSCHG-3 Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LSCHG-3
Crystal Clock Oscillator Specification
ISSUE 1; April 2016
Outline (mm) SM1 = Gold Plated (RoHS)
Wave Form
Suggested Land Pattern
Description
Statek’s high shock, low current LSCHG oscillators, available
in tight frequency tolerances, consist of a Statek miniature
quartz crystal and a CMOS/TTL compatible hybrid circuit in a
ceramic package. Each crystal used in the LSCHG oscillator is
pre-qualified before assembly through electrical tests and
characterisation over temperature.
SM1 Gold Plated (RoHS)
SM5 Solder Dipped (RoHS)
Please note that all data is only valid at 25°C unless otherwise
stated.
Frequency Parameters
Frequency
100.0kHz to 200.0kHz
±100.00ppm
Frequency Tolerance
+/-3ppm max per year
Ageing
Please Note: The frequency stability does not include the
calibration tolerance. Positive variations may be small
compared to negative variation.
Supply Voltage Variation: ±3ppm/V max
Load Variation: ±1ppm max ref 10% change in load
Electrical Parameters
3.3V ±10%
Supply Voltage
Please Note: Lower voltages and calibration tolerances tighter
than 100ppm many be availible, please contact one of our
sales offices.
Absolute Maximum Supply Voltage Range: -0.5V to 7V
Operating Temperature Ranges
-10 to 70°C
-40 to 85°C
-55 to 125°C
Output Details
Output Compatability
CMOS
Drive Capability
15pF
Output Levels:
VoH 2.8V min
VoL 0.2V max
Environmental Parameters
Storage Temperature Range: -55 to 125°C
Shock: up to 50,000G peak 1ms, half sine
Vibration: 10G rms, 10-2000Hz
Manufacturing Details
Process Temperature: 260°C for 20sec max
Printed on 27 Apr 16 11:16 using Model Data Sheet V1.2550
Page 1 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Podobny numer części - LSCHG-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IQD Frequency Products ...
LSCHG-5 IQD-LSCHG-5 Datasheet
163Kb / 2P
   Crystal Clock Oscillator Specification
More results

Podobny opis - LSCHG-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IQD Frequency Products ...
CXOXULP-1.8V IQD-CXOXULP-1.8V Datasheet
207Kb / 3P
   Crystal Clock Oscillator Specification
CXO-3.3V IQD-CXO-3.3V Datasheet
187Kb / 3P
   Crystal Clock Oscillator Specification
CXOXULP-3.3V IQD-CXOXULP-3.3V Datasheet
207Kb / 3P
   Crystal Clock Oscillator Specification
CXOXULPHT-3.3V IQD-CXOXULPHT-3.3V Datasheet
278Kb / 3P
   Crystal Clock Oscillator Specification
IQXO-430 IQD-IQXO-430 Datasheet
217Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-54-AUTO IQD-CFPS-54-AUTO Datasheet
191Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-64 IQD-CFPS-64 Datasheet
811Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-67 IQD-CFPS-67 Datasheet
407Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-72 IQD-CFPS-72 Datasheet
751Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-104 IQD-CFPS-104 Datasheet
342Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-108 IQD-CFPS-108 Datasheet
272Kb / 2P
   Crystal Clock Oscillator Specification
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com