Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD18377EFV-M Arkusz danych(PDF) 9 Page - Rohm

Numer części BD18377EFV-M
Szczegółowy opis  12 Channel Constant Current LED Driver IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD18377EFV-M Arkusz danych(HTML) 9 Page - Rohm

Back Button BD18377EFV-M Datasheet HTML 5Page - Rohm BD18377EFV-M Datasheet HTML 6Page - Rohm BD18377EFV-M Datasheet HTML 7Page - Rohm BD18377EFV-M Datasheet HTML 8Page - Rohm BD18377EFV-M Datasheet HTML 9Page - Rohm BD18377EFV-M Datasheet HTML 10Page - Rohm BD18377EFV-M Datasheet HTML 11Page - Rohm BD18377EFV-M Datasheet HTML 12Page - Rohm BD18377EFV-M Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
BD18377EFV-M
Datasheet
.
9/28
TSZ02201-0W1W0C500020-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
19.APR.2016 Rev.005
TSZ22111
15
001
www.rohm.com
Functional Description
Constant current driver block
The BD18377EFV-M uses a constant current output driver with a provision for dot calibration per channel. The constant
current ID is derived from referring an internal reference voltage over the external resistor REXT, see Equation 1. Reference
current. The external resistor is chosen to set a reference current IREF, in the range of 30~100uA. In operating conditions
the resistor value is in the range of 12k-40kΩ. The maximum output current IDmax is 500 x IREF, see Equation 2.
The external resistor value, the 6 bit current calibration (CAL) and output current relate as follows: see Equation 3.
EXT
REF
REF
R
V
I
=
Equation 1. Reference current
500
max
=
REF
D
I
I
Equation 2. Maximum output current
64
)
1
(
max
+
=
CAL
I
I
D
D
Equation 3. Output current as function of CAL value
SC
D
LED
I
I
I
+
=
, where
k
V
I
D
SC
430
Equation 4. Total LED current.
Finally the total LED current, including the offset current due to the SHORT detection is shown in Equation 4. Note that the
short detection current flows at all times when the channel is enabled.
For example in case of a maximum output current of 20mA REXT shall be 30kΩ.
See
Figure 8 the global reference current, IREF, is mirrored into the channel current to generate a local reference voltage.
The error amplifier A1 forces the voltage across the LED current sense resistor to match the local reference voltage.
The
output device is scaled to give 6 bit output range. Thus a factor IDmax/ID can be achieved in the range from 0 to 63 in 64 steps.
The output devices driving analog current amplitude are timed by the global PWM.
The active drivers have a low leakage current to keep the LED in firm OFF condition when the channel is not active. To
ensure low leakage current ( IDLeak ), the gate voltage of the output transistors will be pulled low during MASK = LOW or
PWM_B = HIGH or when the device is not required by the CAL setting.
When there is an open load, half open load or a weak battery supply, the channel will be unable to sink enough current. In
this case the output of error amplifier A1 will latch to maximum voltage pulling the output voltage VD below VOCth. This is
detected by comparator A2 as an OPEN event. There is a glitch reject filter that will reject any OPEN that is < tglitch_reject.
The voltage VD at pin DN (Figure 8) is divided by a high ohmic voltage divider and compared to a reference voltage in order
to detect the short circuit. When comparator A3 detects a voltage at pin Dn > VSCth this indicates a LED SHORT circuit
condition. SHORT detection requires a minimum PWM ON time > tON. This is because the glitch reject filter will reject any
SHORT that is < tglitch_reject. The same circuit is used for both OPEN and SHORT rejection and therefore the period is the
same.
Both the OPEN and SHORT detection circuits are disconnected during PWM_B = “HIGH” or MASK = LOW, but the SHORT
detection bypass current will flow when MASK _ HIGH.
The status of OPEN, SHORT for each channel can be read out from the OPEN / SHORT registers using the command
[READ OPEN] and [READ SHORT].


Podobny numer części - BD18377EFV-M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD18378EFV-M ROHM-BD18378EFV-M Datasheet
1Mb / 30P
   Advanced 12 Channel Constant Current LED Driver IC
BD18378EFV-ME2 ROHM-BD18378EFV-ME2 Datasheet
1Mb / 30P
   Advanced 12 Channel Constant Current LED Driver IC
More results

Podobny opis - BD18377EFV-M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD18378EFV-M ROHM-BD18378EFV-M Datasheet
1Mb / 30P
   Advanced 12 Channel Constant Current LED Driver IC
logo
Shenzhen Huazhimei Semi...
HM7501 HMSEMI-HM7501 Datasheet
727Kb / 10P
   Single channel LED constant current driver IC
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
   LED constant current driver IC
logo
ADTech
ADT6001 ADTECH-ADT6001 Datasheet
210Kb / 5P
   Constant current offline LED driver IC
logo
Rohm
BD2808MUV-M ROHM-BD2808MUV-M Datasheet
959Kb / 34P
   24ch Constant Current LED Driver IC
logo
ON Semiconductor
LC75760UJA ONSEMI-LC75760UJA Datasheet
530Kb / 65P
   LED Driver, 12?릀hannel, Constant Current
July, 2018 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
FM6253 FUMAN-FM6253 Datasheet
739Kb / 17P
   16-channel EPWM constant current output LED driver IC
FM6153K FUMAN-FM6153K Datasheet
678Kb / 17P
   16-channel PWM constant current output LED driver IC
FM6153S FUMAN-FM6153S Datasheet
701Kb / 17P
   16-channel PWM constant current output LED driver IC
FM6153Q FUMAN-FM6153Q Datasheet
628Kb / 16P
   16-channel PWM constant current output LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com