Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLML2244TRPBF Arkusz danych(PDF) 2 Page - ZP Semiconductor

Numer części IRLML2244TRPBF
Szczegółowy opis  HEXFETPower MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZPSEMI [ZP Semiconductor]
Strona internetowa  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

IRLML2244TRPBF Arkusz danych(HTML) 2 Page - ZP Semiconductor

  IRLML2244TRPBF Datasheet HTML 1Page - ZP Semiconductor IRLML2244TRPBF Datasheet HTML 2Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
G
D
S
Electric Characteristics @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
-20
–––
–––
V
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
–––
0.01
–––
V/°C
–––
42
54
–––
71
95
VGS(th)
Gate Threshold Voltage
-0.4
–––
-1.1
V
IDSS
–––
–––
1
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
-100
Gate-to-Source Reverse Leakage
–––
–––
100
RG
Internal Gate Resistance
–––
8.9
–––
Ω
gfs
Forward Transconductance
6.5
–––
–––
S
Qg
Total Gate Charge
–––
6.9
–––
Qgs
Gate-to-Source Charge
–––
1.0
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
2.9
–––
td(on)
Turn-On Delay Time
–––
7.0
–––
tr
Rise Time
–––
12
–––
td(off)
Turn-Off Delay Time
–––
34
–––
tf
Fall Time
–––
25
–––
Ciss
Input Capacitance
–––
570
–––
Coss
Output Capacitance
–––
160
–––
Crss
Reverse Transfer Capacitance
–––
110
–––
Source - Drain Ratings and Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
-1.2
V
trr
Reverse Recovery Time
–––
21
32
ns
Qrr
Reverse Recovery Charge
–––
9.0
14
nC
–––
–––
–––
–––
pF
A
-1.3
-18
VDD =-10V
d
nA
nC
ns
VDS = VGS, ID = -10μA
VDS =-16V, VGS = 0V
VDS = -16V, VGS = 0V, TJ = 125°C
RDS(on)
VGS = -2.5V, ID = -3.4A
d
Static Drain-to-Source On-Resistance
Drain-to-Source Leakage Current
μA
m
Ω
Conditions
VGS = 0V, ID = -250μA
Reference to 25°C, ID = -1mA
VGS = -4.5V, ID = -4.3A
d
MOSFET symbol
showing the
VDS =-10V
Conditions
VGS = -4.5V
VGS = 0V
VDS = -16V
ƒ = 1.0KHz
RG = 6.8
Ω
VGS = -4.5V
d
di/dt = 100A/μs
d
VGS = 12V
VGS = -12V
TJ = 25°C, IS = -4.3A, VGS = 0V
d
integral reverse
p-n junction diode.
VDS = -10V, ID =-4.3A
ID = -4.3A
ID = -1A
TJ = 25°C, VR = -16V, IF=-4.3A
IRLML2244TRPbF
HEXFET® Power MOSFET
2 of 2
sales@zpsemi.com
www.zpsemi.com


Podobny numer części - IRLML2244TRPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLML2244TRPBF IRF-IRLML2244TRPBF Datasheet
240Kb / 10P
   HEXFETpower MOSFET
logo
VBsemi Electronics Co.,...
IRLML2244TRPBF VBSEMI-IRLML2244TRPBF Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com